Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFMC684-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TFMC684-DOC
Description  32 Differential Channel FMC Mezzanine Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TFMC684-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TFMC684-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TFMC684-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
Technical Information
 Form Factor: Single-width 10 mm stacking height
FPGA Mezzanine Card (FMC) Mezzanine Module
conforming to ANSI/VITA 57.1
 Board size: 76.5 mm x 69 mm
 Air cooled Commercial Grade with Front Panel
 Regions 1 and 2 populated
 Low Pin Count (LPC) FMC Connector
 The 32 differential M-LVDS TIA/EIA-899 signals (up
to 200Mbit/s each) or RS-485/RS-422 signals (up to
16Mbit/s each) are accessible at a VHDCI-68/SCSI-V
female front I/O connector
 VADJ can range from 1.2V to 3.6V
 Direction of every bit is configurable independently
 On-board EEPROM contains IPMI hardware definition
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TFMC684-10R: 873000 h
TFMC684-20R: 684000 h
Order Information
RoHS Compliant
TFMC684-10R
32 Ch. M-LVDS, LPC-FMC, VHD68 connector
TFMC684-20R
32 Ch. RS-485/RS-422, LPC-FMC, VHD68 connector
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TFMC684-DOC User Manual
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com