Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFMC684-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TFMC684-DOC
Description  32 Differential Channel FMC Mezzanine Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TFMC684-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TFMC684-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TFMC684-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TFMC684
32 Differential Channel FMC Mezzanine Module
TFMC684-10R
Application Information
The TFMC684 is an FMC (FPGA Mezzanine Card)
Mezzanine Module complying with the ANSI/VITA 57.1
standard that offers the possibility to add a 32bit M-LVDS
(Multipoint Low Voltage Differential Signaling) I/O Interface
or a 32bit RS-485/RS-422 I/O Interface to FMC Carrier
Cards.
The
Low
Pin
Count
FMC
Connector
provides
32
independent control signals which configure the direction
of each Differential Transceiver.
The 32 data lines are routed as single-ended traces from
the FMC Connector to the Differential Transceivers where
they are converted into 32 differential pairs.
The TFMC684-10R meets the TIA/EIA-899 standard
(Type-2 Receivers) and the TFMC684-20R meets the
TIA/EIA-485 and the TIA/EIA-422 standard.
The 32 bits of differential I/O are connected to a VHDCI-68
Connector in the front panel.
On every of the 32 bits the TFMC684-10R supports
signaling rates up to 200Mbit/s which means that a
100MHz clock can be transmitted or in other words that
200M of voltage transitions per second can be performed.
The TFMC684-20R supports signalling rates up to
16Mbit/s.
All signals connecting the Differential Driver/Receivers
with the FMC Carrier are powered by an adjustable
voltage generated by the Carrier. Because of voltage
translation devices on the TFMC684 this voltage can
range from 1.2V to 3.6V which allows the FPGA's I/O cells
to be configured for various different I/O standards.
The signaling standard reference voltage pin, which is
powered by the TFMC684, provides half of the adjustable
voltage generated by the carrier for I/O standards
requiring a reference voltage.
A power good LED indicates whether all voltages on the
TFMC684, which are provided by the FMC Carrier, are
within limits.
The TFMC684 is equipped with an I²C EEPROM which
acts as an IPMI resource requesting the value of the
adjustable voltage, for example.
The module meets the requirements to operate in
extended temperature range from -40° to +85°C.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TFMC684-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TFMC900 TEWS-TFMC900 Datasheet
265Kb / 2P
Test FMC Mezzanine Module
2017-08-24
TFMC900-10R TEWS-TFMC900-10R Datasheet
265Kb / 2P
Test FMC Mezzanine Module
2017-08-24
TFMC900-DOC TEWS-TFMC900-DOC Datasheet
265Kb / 2P
Test FMC Mezzanine Module
2017-08-24
logo
Rectron Semiconductor
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
TFMCJ10 RECTRON-TFMCJ10 Datasheet
1,020Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results

Similar Description - TFMC684-DOC

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
8-Channel Differential 32-bit ADC
AK5552 AKM-AK5552 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5554 AKM-AK5554 Datasheet
1Mb / 68P
4-Channel Differential 32-bit ADC
AK5556 AKM-AK5556 Datasheet
1Mb / 69P
6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
4-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
6-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
2-Channel Differential 32-bit ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
8-Channel Differential 32-bit ADC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com