Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP830 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP830
Description  8 Channel 12 (16) bit Simultaneous Sampling A/D
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP830 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP830 Datasheet HTML 1Page - TEWS Technologies GmbH TIP830 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP830
8 Channel 12 (16) bit Simultaneous Sampling A/D
Application Information
The TIP830 family consists of IndustryPack
 compatible
modules with 8 independent channels of high resolution
12 bit or 16 bit analog-to-digital conversion. Each channel
consists of a Sample and Hold and a 12 bit or 16 bit A/D
converter. The maximum time for sample and convert is
25µs for all channels. The full-scale input range is +/-10V.
A start-of-conversion is initiated by software command or
via the trigger I/O pin. All eight channels of the TIP830
sample and convert simultaneously.
By connecting the trigger I/O pins of several modules it is
possible to expand the simultaneous sample and convert
feature to several TIP830 modules.
Software support (TIP830-SW-xx) is available for different
operating systems.
Technical Information
 Interface according to IndustryPack® specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 Eight 12 bit (16 bit) A/D converter ( ADS8506/7 )
 Complete 12 bit (16 bit) sampling A/D converter
with internal reference
 +/- 10 V input, impedance 45 kohm
 Integral linearity error: +/- 0.9LSB (+/- 3LSB)
 Differential linearity error: +/- 0.9LSB (+3/-2LSB)
 No missing codes: 12 bits (15 bits)
 25 µs maximum for sample and convert
 Factory calibration of gain and offset for each
channel, correction parameters stored in serial
EEPROM
 Simultaneous Sample and Convert for all 8 channels,
expandable to other TIP830 by external trigger I/O pin
 Operating temperature range -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP830

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
TIP830-10 ETC1-TIP830-10 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
TIP830-20 ETC1-TIP830-20 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
TIP830-DOC ETC1-TIP830-DOC Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
TIP830-ED ETC1-TIP830-ED Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
More results

Similar Description - TIP830

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
List of Unclassifed Man...
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
logo
Analog Devices
ADAS3023 AD-ADAS3023 Datasheet
617Kb / 32P
16-Bit, 8-Channel Simultaneous Sampling Data Acquisition System
REV. 0
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com