Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPE627-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TMPE627-DOC
Description  Reconfigurable FPGA with AD/DA & Digital I/O PCIe Mini Card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TMPE627-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TMPE627-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TMPE627-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TMPE627-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.5
2020-02-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TMPE627 Reconfigurable FPGA with AD/DA & Digital I/O
PCIe Mini Card
TMPE627-10R with Heatsink mounted
TMPE627-10R without Heatsink
Application Information
The TMPE627 is a standard full PCI Express Mini Card,
providing a user programmable Xilinx Artix-7 7A50T
FPGA.
The TMPE627 provides 14 ESD-protected 5 V-tolerant
TTL lines. All I/O lines are individually programmable as
input or output. TTL I/O lines can be set to high, low, or
tristate. Each TTL I/O line has a pull-resistor to a common
programmable pull-up voltage that can be set so +3.3 V,
+5 V and GND.
The 16 bit ADC offers 4 input channels that can be
operated in single-ended or differential mode. It offers
software selectable input voltage ranges of 0-5.12 V, 0-
10 V, 0-10.24 V, ±5 V, ±5.12 V, ±10 V and ±10.24 V with a
sampling rate of up to 200 ksps.
The DAC offers 4 channels of 16 bit analog outputs with
software selectable output voltage ranges of 0-5 V, 0-
10 V, 0-10.8 V, ±5 V, ±10 V or ±10.8 V. The output voltage
range can be individually set per channel. The conversion
time is typ. 10 μs and the DAC outputs are capable to
drive a load of 2 kΩ, with a capacitance up to 4000 pF.
Each TMPE627 is factory calibrated. The calibration
information is stored in an on-board serial EEPROM
unique to each TMPE627 module.
The I/O signals are accessible through a 30 pin Pico-
Clasp latching connector.
The User FPGA is configured by a SPI flash. An in-circuit
debugging option is available via a JTAG header for read
back and real-time debugging of the FPGA design (using
the Vivado ILA). With the TA308 Programming Kit direct
JTAG access to the FPGA is possible, using the Xilinx
Platform Cable USB.
User applications for the TMPE627 with 7A50T FPGA can
be developed using the design software Vivado Design
Suite HL WebPACK Edition, which can be downloaded
free of charge from www.xilinx.com.
TEWS offers a well-documented basic FPGA Example
Application design. It includes a constraints file with all
necessary pin assignments and basic timing constraints.
The example design covers the main functionalities of the
TMPE627. It implements PCIe to register mapping and
basic I/O. It comes as a Xilinx Vivado Design Suite project
with source code and as a ready-to-download bit stream.
The TMPE627 provides a basic heatsink to facilitate
thermal management. The heatsink can be used to install
additional cooling solutions like passive or active heatsinks
or to provide a thermal connection to an enclosure.
TMPE627 with TA308


Similar Part No. - TMPE627-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TMPE623 TEWS-TMPE623 Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
TMPE623-10R TEWS-TMPE623-10R Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
TMPE623-11R TEWS-TMPE623-11R Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
TMPE623-12R TEWS-TMPE623-12R Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
TMPE623-DOC TEWS-TMPE623-DOC Datasheet
410Kb / 3P
Reconfigurable FPGA with Digital I/O PCIe Mini Card
2018-04-24
More results

Similar Description - TMPE627-DOC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
AD/DA CONVERTER
logo
Intersil Corporation
HI2555 INTERSIL-HI2555 Datasheet
758Kb / 11P
1-Bit, AD/DA Converter For Audio Application
September 1997
HI2570 INTERSIL-HI2570 Datasheet
637Kb / 8P
1-Bit AD/DA Converter For Audio Application
September 1997
logo
List of Unclassifed Man...
AN221E04 ETC2-AN221E04 Datasheet
434Kb / 21P
Dynamically Reconfigurable FPAA With Enhanced I/O
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830 Datasheet
258Kb / 1P
PCIe Mini Card
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
logo
Toshiba Semiconductor
TC9287AF TOSHIBA-TC9287AF Datasheet
541Kb / 15P
2 CHANNEL 1BIT AD/DA CONVERTER FOR AUDIO
2000-03-01
logo
Advantech Co., Ltd.
PCM-28P1AD ADVANTECH-PCM-28P1AD Datasheet
338Kb / 1P
PCIe to mPCIe, 2-Slots mPCIe, iDoor I/O plate expansion iDoor PCIe I/O Plate
20-Jul-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com