Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPE627-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TMPE627-DOC
Description  Reconfigurable FPGA with AD/DA & Digital I/O PCIe Mini Card
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TMPE627-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TMPE627-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TMPE627-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TMPE627-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.5
2020-02-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TMPE627 with TA308 & Platform Cable USB
TA309
Technical Information
 Form Factor: Full-Mini Card
 Board size: 50.95 mm x 30 mm
 PCI Express 1.1 compliant interface
 Artix-7 User programmable FPGA
 TMPE627-10R: Xilinx XC7A50T-2
 PCIe endpoint in FPGA
 128 Mbit SPI-EEPROM for FPGA configuration and
User Data
 Digital I/O
 14 ESD-protected 5 V-tolerant TTL lines with
programmable pull- resistor
 Direction individually programmable
 4 channels 16 bit analog input
 Simultaneous sampling
 True differential inputs
 Programmable input voltage (one setting for all
channels):
0-5.12 V, 0-10 V, 0-10.24 V,
±5 V, ±5.12 V, ±10 V, ±10.24 V
 Sampling rate: 200 kSPS
 Overvoltage protection
 Factory calibration
 4 channels single-ended 16 bit analog output
 Simultaneous update
 Programmable output voltage:
0-5 V, 0-10 V, 0-10.8 V,
±5 V, ±10 V, ±10.8 V
Conversion time: typ.10 μs
Up to 2 kΩ resistive, 4000 pF capacitive load
 Overcurrent protection
 Factory calibration
 I/O access
 30 pin Pico-Clasp latching connector
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TMPE627: 987.000 h
TMPE627 Block Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com