Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1 Datasheet(PDF) 2 Page - Metcal

Part # WS1
Description  Solder Wire Feeder System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

WS1 Datasheet(HTML) 2 Page - Metcal

  WS1 Datasheet HTML 1Page - Metcal WS1 Datasheet HTML 2Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Specifications
USF-1000
Solder Wire Feeder System
©2016 Metcal, metcal.com
MX-5270 Soldering / Rework System with USF-1000
MX-PS5200 Power Supply, USF-1000 Solder Feeder, MX-H7-SF
Solder Feeder Hand-Piece, USF-FTA-12 Feeder Tube Assembly,
USF-GTA-12 Teflon Nozzle, Footswitch and WS1 Sleeper Work
Stand
MX-570 Soldering / Rework System with USF-1000
MX-500P Power Supply, USF-1000 Solder Feeder, MX-H7-SF Solder
Feeder Hand-Piece, USF-FTA-12 Feeder Tube Assembly, USF-
GTA-12 Teflon Nozzle, Footswitch and WS1 Sleeper Work Stand
MX-UK7
USF-1000 Solder Feeder, MX-H7-SF Solder Feeder Hand-Piece,
USF-FTA-12 Feeder Tube Assembly, USF-GTA-12 Teflon Nozzle,
Footswitch and WS1 Sleeper Stand
Input Voltage
110 - 230V
Power
18W max.
Dimensions - W x D x H
118 x 246.5 x 125.1mm (4.65” x 9.7” x 4.95”)
Weight
1.9kg (4.15 lbs)
Operating Temperature
0 - 50°C (32 - 122°F)
Solder Diameter
0.3 - 1.27mm
Spool Capacity
Up to 1 kg. (2.2 lbs.)
Wire Length
0.2 - 200mm ±0.5
Forward Speed
0.5 - 100mm/sec (0.5mm/sec increments)
Reverse Speed
0.5 - 100mm/sec (0.5mm/sec increments)
ESD Safe
10^5 - 10^9omega/square per ASTM D257
Program Memory
30 set-ups
Configuration
Standalone
MX-H7-SF
Solder Wire Feeder Hand-Piece for MX System
USF-FTA-12
Feeder Tube Assembly, 0.56-0.71mm wire
diameter
USF-FTA-17
Feeder Tube Assembly, 0.79-1.27mm wire
diameter
USF-GTA-06
Guide Tube and Teflon Nozzle, 0.6mm
USF-GTA-12
Guide Tube and Teflon Nozzle, 1.2mm
USF-GTA-17
Guide Tube and Teflon Nozzle, 1.7mm
USF-TN06
Teflon Nozzle for USF-GTA-06 (10 Pack)
USF-TN12
Teflon Nozzle for USF-GTA-12 (10 Pack)
USF-TN17
Teflon Nozzle for USF-GTA-17 (10 Pack)
WS1
Work Stand
Accessories & Spares
System Configurations & Upgrade Kit
Features and Benefits
• Digital Controls with multiple Modes of Operation:
Forward Feed, Retraction, Delay, and Speed are
programmable parameters in either the automatic, forward,
or the backward mode of operation.
• Large LCD Display: Displays program parameters and a
cycle counter with the selectable unit of measure,millimeters
or inches.
• Internal Program Storage: Stores thirty (30) programs
internally, allowing the operator to select the right program
for the right application
• Password Protection: Prevents unintended changes to
stored programs
• Multiple Solder Diameters: Compatible with solder
diameters 0.3mm to 1.27mm
• Solder Feed Blades: Reduces the tendency for solder balls
to form at point of use
• Solder Spool Lock: Secures the solder spool to the unit
• Universal Power Supply: Automatically senses the input
line voltage and adjusts accordingly, which allows for
worldwide operation without adaptors or a change in
performance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com