Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS1 Datasheet (PDF) - Metcal

WS1 Datasheet PDF - Metcal
Part # WS1
Download  WS1 Download
File Size   439.76 Kbytes
Page   2 Pages
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal
Description Solder Wire Feeder System

WS1 Datasheet (PDF)

Go To PDF Page Download Datasheet
WS1 Datasheet PDF - Metcal

Part # WS1
Download  WS1 Click to download

File Size   439.76 Kbytes
Page   2 Pages
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal
Description Solder Wire Feeder System

WS1 Datasheet (HTML) - Metcal


WS1 Product details

Features and Benefits
• Digital Controls with multiple Modes of Operation: Forward Feed, Retraction, Delay, and Speed are programmable parameters in either the automatic, forward, or the backward mode of operation.
• Large LCD Display: Displays program parameters and a cycle counter with the selectable unit of measure,millimeters or inches.
• Internal Program Storage: Stores thirty (30) programs internally, allowing the operator to select the right program for the right application
• Password Protection: Prevents unintended changes to stored programs
• Multiple Solder Diameters: Compatible with solder diameters 0.3mm to 1.27mm
• Solder Feed Blades: Reduces the tendency for solder balls to form at point of use
• Solder Spool Lock: Secures the solder spool to the unit
• Universal Power Supply: Automatically senses the input line voltage and adjusts accordingly, which allows for worldwide operation without adaptors or a change in performance




Similar Part No. - WS1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
WS1 E-SWITCH-WS1 Datasheet
805Kb / 3P
WS1 Series Snap Action Switch
logo
OKI electronic componet...
WS1 OKI-WS1 Datasheet
5Mb / 64P
Soldering Tools and Equipment for Electronics Assembly
logo
Metcal
WS1 METCAL-WS1 Datasheet
367Kb / 2P
Hand Soldering, Desoldering, & Rework
WS1 METCAL-WS1 Datasheet
4Mb / 9P
60W Single Output Solder / Rework System
WS1 METCAL-WS1 Datasheet
3Mb / 6P
60W Dual Output System w/ Internal Pump Data Sheet
More results


Similar Description - WS1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5444 STMICROELECTRONICS-STLC5444 Datasheet
141Kb / 17P
QUAD FEEDER POWER SUPPLY
Dec-1997
logo
Gunter Seniconductor Gm...
TFB4014 GSG-TFB4014 Datasheet
139Kb / 6P
ISDN Power Feeder with 3.3V Logic
TFB4004 GSG-TFB4004 Datasheet
135Kb / 6P
ISDN Power Feeder with 5V Logic
logo
FCI connector
10114828-10102LF FCI-CONNECTOR-10114828-10102LF Datasheet
2Mb / 2P
1.25mm Wire-To-Board System
logo
PANDUIT CORP.
D-436-77 PANDUIT-D-436-77 Datasheet
107Kb / 2P
STUB SPLICE SEALING SYSTEM MULTI-WIRE
logo
Adam Technologies, Inc.
DMW-XX ADAM-TECH-DMW-XX Datasheet
78Kb / 1P
WIRE TO WIRE SYSTEM
logo
Soberton Inc.
SP-4005-1 SOBERTON-SP-4005-1 Datasheet
238Kb / 1P
Solder Eyelet Wire
logo
Littelfuse
FPU-32 LITTELFUSE-FPU-32 Datasheet
283Kb / 1P
The FPU-32 Feeder Protection Unit provides integrated
FPS LITTELFUSE-FPS Datasheet
2Mb / 2P
The FPS Feeder Protection System monitors voltage and current to provide a comprehensive package of 17 protective functions
logo
Hubbell Incorporated.
HPWW0204S HUBBELL-HPWW0204S Datasheet
1Mb / 12P
Wire Basket Tray System Cable Management
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com