Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet (PDF) - STMicroelectronics

STLC5444 Datasheet PDF - STMicroelectronics
Part # STLC5444
Download  STLC5444 Download
File Size   141.03 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD FEEDER POWER SUPPLY

STLC5444 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLC5444 Datasheet PDF - STMicroelectronics

Part # STLC5444
Download  STLC5444 Click to download

File Size   141.03 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD FEEDER POWER SUPPLY

STLC5444 Datasheet (HTML) - STMicroelectronics


STLC5444 Product details

DESCRIPTION
The ISDN Quad Feeder Power Supply (IQFPS) provides a power source for up to four line interfaces. The power source to the device is a local battery or a centralized regulated power supply.
It can operate in point-to-point and point-to-multipoint configurations as far as S interface is concerned. By the device microprocessor interface, each powered line is individually controlled and monitored.

■ SUPPLIES POWER FOR UP TO FOUR DIGITAL TELEPHONE LINES
■ CONFORMS TO THE CCITT RECOMMENDATIONS FOR POWER FEED AT THE S OR T REFERENCE POINTS
■ SUPPORTS POINT-TO-POINT AND POINT TO MULTIPOINT CONFIGURATIONS
■ EACH OF THE FOUR LINES IS INDIVIDUALLY CONTROLLED
■ HIGH-VOLTAGE BCD TECHNOLOGY SUPPORTING UP TO -130V
■ AUTOMATIC THERMAL SHUTDOWN
■ STATUS CONDITION DETECTION (BY MICROPROCESSOR) FOR EACH LINE:
   – Low output voltage
   – Openloop
   – Current overload
   – Thermal overload
   – Normal line condition
■ PROGRAMMABLE CURRENT LIMITING
■ OUTPUT CURRENT UP TO 120mA




Similar Part No. - STLC5444

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5445 STMICROELECTRONICS-STLC5445 Datasheet
214Kb / 23P
QUAD LINE FEED CONTROLLER
Oct-2002
More results


Similar Description - STLC5444

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
250W Quad Output Power Supply
logo
Linear Technology
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
Quad Power Supply Sequencer
logo
C&D Technologies
TPS_PCI500_4D CANDD-TPS_PCI500_4D Datasheet
491Kb / 4P
500W Quad Output Power Supply
logo
Gunter Seniconductor Gm...
TFB4014 GSG-TFB4014 Datasheet
139Kb / 6P
ISDN Power Feeder with 3.3V Logic
TFB4004 GSG-TFB4004 Datasheet
135Kb / 6P
ISDN Power Feeder with 5V Logic
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
Quad Output DC Power Supply
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
Quad Power Supply Sequencer
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
Quad-Output Power Supply
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com