Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC5444 Datasheet HTML 1Page - STMicroelectronics STLC5444 Datasheet HTML 2Page - STMicroelectronics STLC5444 Datasheet HTML 3Page - STMicroelectronics STLC5444 Datasheet HTML 4Page - STMicroelectronics STLC5444 Datasheet HTML 5Page - STMicroelectronics STLC5444 Datasheet HTML 6Page - STMicroelectronics STLC5444 Datasheet HTML 7Page - STMicroelectronics STLC5444 Datasheet HTML 8Page - STMicroelectronics STLC5444 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PIN DESCRIPTION
Name
N
o
PLCC
N
o
DIP
Function
D1
1
1
Bit 1 of the tri state I/O data bus
NC
2,4,8,10,
13,14,
16,18,
20,23,
25,26,
28,34,
37,38,44
7,9
No connection
D0
3
2
Bit 0 of the tri state I/O data bus
INT
5
3
Active low interrupt output for the
µP (open drain)
VBB
6,7
15,17
22,29,
39,40
8,12
Battery supply line (negative battery‘s terminal)
BGND
9
4
Battery ground line
VCC
11
5
+5V supply line
ILIM
12
6
Current limit programming
S0
19
10
Output of the power switch controller 0
S1
21
11
Output of the power switch controller 1
S2
24
13
Output of the power switch controller 2
RSRVD
–
14
Reserved pin: it must be left floating
S3
27
15
Output of the power switch controller 3
RESET
30
16
Active high reset input
RD
31
17
Active low read input
CS
32
18
Active low chip select input
WR
33
19
Active low write input
ALE
35
20
Active high address latch enable
DGND
36
21
Digital ground
A0
41
22
Address bit for R/W operations on the data bus
D3
42
23
Bit 3 of the I/O tri state data bus
D2
43
24
Bit 2 of the I/O tri state data bus
FUNCTIONAL DESCRIPTION
ADDRESS LINE (Input)
A0 selects source and destination locations for
read and write operations on the data bus. A0
must be valid on the falling edge of ALE or during
RD and WR if ALE is tied High.
ALE - Address Latch Enable (Input; Active
High)
ALE is an input control pulse used to strobe the
address on the A0 line into the address latch.
This signal is active High to admit the input ad-
dress. The address is latched on the High-Low
transition of ALE. While ALE is High, the address
latch is transparent. For an unmultiplexed micro-
processor bus, ALE must be tied High.
BGND - Ground Battery
CS - Chip Select (Input; Active Low)
CS must be Low to enable the read or write op-
erations of the device. Data transfer occurs over
the D3-D0 lines.
D3-D0 - DATA BUS (Input/Output; Three-State)
The four bidirectional data bus lines are to ex-
change information with a microprocessor. D0 is
the least significant bit and D3 is the most signifi-
cant bit. A High on the data bus corresponds to a
logical 1. These lines act as input when WR and
CS are active and as output when RD and CS are
active. When CS is inactive, the D3-D0 pins are
placed in a high-impedance state.
STLC5444
3/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com