Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC5444 Datasheet HTML 5Page - STMicroelectronics STLC5444 Datasheet HTML 6Page - STMicroelectronics STLC5444 Datasheet HTML 7Page - STMicroelectronics STLC5444 Datasheet HTML 8Page - STMicroelectronics STLC5444 Datasheet HTML 9Page - STMicroelectronics STLC5444 Datasheet HTML 10Page - STMicroelectronics STLC5444 Datasheet HTML 11Page - STMicroelectronics STLC5444 Datasheet HTML 12Page - STMicroelectronics STLC5444 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
OPERATIVE DESCRIPTION.
Initialization
The device is initialized by the RESET pin. In this
state the analog drivers are switched off, the Indi-
rect Address Register (IAR) is cleared, and the in-
ternally latched address A0 is cleared.
Power at Output drivers
The voltage at the Output drivers is approximately
VBB (more precisely: VBB -VSAT).
Analog Section
The analog section consists of four line drivers,
which are DMOS transistor switches capable of
sinking up to 120 mA each. The power to the driv-
ers is derived from the negative supply voltage
(VBB). The output voltage to each line is slaved to
VBB, and the voltage drop in each driver is ap-
proximately 1.5V.
Line driver protection is provided through the inte-
gration of current limit and over-temperature shut-
off. The current limit is hardware-programmable
via an external resistor (RLIM) connected be-
tween ILIM and VBB.
The output limit is : 5mA + 1000 x 1.25V/RLIM.
This 1000 x gain makes the ILIM pin susceptible
to external noise, care should be taken to connect
RLIM as close as possible to the component.
The thermal shut-off is internally set at approxi-
mately 160
oC.
At this temperature all the drivers are uncondition-
ally switched off. However, at approximately
130
oC, only the drivers that are in the current-
overload condition will be turned off.
Status detectors, associated with each of the line
drivers, monitor the load conditions on each line
by comparing an electrical parameter (e.g., cur-
rent and voltage at the line) with reference level.
The output of each detector can be read by the
microprocessor. In addition to these status detec-
tors, the temperature of the device is monitored
via integrated temperature detectors. The detec-
tors respond at approximately 130
oC and 160oC,
as defined above, and the 160
oC detector can be
monitored by the microprocessor via the MPI. The
status detectors provide the following information
from each of the lines (all detectors have built-in
hysteresis) :
*) Low Output Voltage Detection
The low-output-voltage status bit becomes ac-
tive when the voltage across the output DMOS
transistor exceeds the proper voltage threshold
(VLVD).
*) Open Loop Detection
The open-loop status bit becomes active when
the current on the line drops below a minimum
value.
*) Current Overload Detection
The current-overload status bits become active
when the current on the line nears the current
limit. These bits active the INT output if COD in-
terrupts are enabled via the IAR Register.
*) Thermal Overload Detection
If the device temperature reaches 130
oC, then
all the line drivers in the current-overload condi-
tion will be switched off and the corresponding
bits in the Thermal Overload Register will be
activated. If the device temperature increases
to 160
oC, all the line drivers will be turned off,
and all the bits in the Thermal Overload Regis-
ter will be activated.
The T-bit will also be set, and it can be read
along with the Indirect Address Register (IAR)
to indicate that all the drivers have been turned
off. To initialize any of the bits in the Thermal
Overload Register, the microprocessor must
first turn off the line drivers that must not be re-
activated until the T-bit in the address register
is cleared by the temperature detector in the
device.
MPI Section
The MPI allows the user to access the detectors
defined in the analog section. The line driver’s
status bits are grouped by function. Bits 3-0 of the
detectors correspond to lines 3-0, respectively.
The status group are :
Low Voltage Detector (LVD)
Open Loop Detector (OLD)
Current Overload Detector (COD)
Thermal Overload Register (TOR)
The data is not latched in these status groups ex-
cept in the TOR.
Thus, the user should filter (multiple samples) the
received data to ensure its integrity. There are
two other registers in the MPI: the Indirect Ad-
dress Register (IAR), and Line Enable Register
(LER).
The IAR contains 3 bits that address the desired
status group or the LER. The IAR is read along
with the T-bit defined in the analog section. The
microprocessor can read the IAR to check the va-
lidity of the address. A 1us delay is required be-
tween a write to the LER register, followed by a
Read of the same register. Subsequent reads of
the LER do not have this constraint.
STLC5444
9/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com