Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC5444 Datasheet HTML 9Page - STMicroelectronics STLC5444 Datasheet HTML 10Page - STMicroelectronics STLC5444 Datasheet HTML 11Page - STMicroelectronics STLC5444 Datasheet HTML 12Page - STMicroelectronics STLC5444 Datasheet HTML 13Page - STMicroelectronics STLC5444 Datasheet HTML 14Page - STMicroelectronics STLC5444 Datasheet HTML 15Page - STMicroelectronics STLC5444 Datasheet HTML 16Page - STMicroelectronics STLC5444 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
COUNTER FEEDING
It is possible that, in some applications, a commu-
nication channel that the STLC5444 feeds, is also
biased at the other end by another feeding de-
vice.
What considerations apply to the STLC5444 in
this case?
Let’s use a generic example for reference (see Fig. 3)
STLC5444
Si
V
BB
U
S
STLC5444
V
BB
Si
PABX
NT
S
S
D95TL229
Figure 3: Typical PABX connection.
A PABX with S-interfaces may have some of
them connected to Terminal Equipments, and one
to the S-interface of a Nertwork Termination. The
S-interface of the PABX connected to the NT has
one channel of the STLC5444 available for feed-
ing. It will be programmed in the ”OFF” state to
avoid interference with the feeding coming from
the NT (of course the feeding coming from the NT
will not be loaded by this PABX connection).
The following considerations are relevant in the
above example:
1) The VBB of the STLC5444 in the PABX must
be equal or more negative than the feeding
voltage coming from the NT (unless decou-
pling diodes are externally provided - see 4)
2) The STLC5444 channel of the PABX must be
programmed OFF.
3) In the channel of the STLC5444 on the PABX
side, the only effect will be on the relevant
LVD bit that will be set to 1 if the feeding volt-
age coming from the NT is 3V more positive
than the local VBB. No interrupts or alarms are
generated.
4) It is good common practice to provide every S-
interface with protection circuitry against tran-
sient overvoltages (see Fig. 4). This includes a
diode in series with each Si pin of the
STLC5444. If this is the case, absolute levels
of local VBB and NT feeding are no concern at
all. (If such diodes are not present, care must
be paid to the power supply of the PABX, and
to the connected circuits. When the PABX
supply is OFF, the NT feeding will find a con-
nection through the relevant channel of the
STLC5444 to the VBB point).
TPAXX
D1
D2
D3
Si
BGND
BGND
STLC5444
FUSE RESISTORS
S INTERFACE
VBB
BATTERY
D95TL230
Figure 4: Protection of the STLC5444 against overvoltage.
STLC5444
13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com