Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC5444 Datasheet HTML 7Page - STMicroelectronics STLC5444 Datasheet HTML 8Page - STMicroelectronics STLC5444 Datasheet HTML 9Page - STMicroelectronics STLC5444 Datasheet HTML 10Page - STMicroelectronics STLC5444 Datasheet HTML 11Page - STMicroelectronics STLC5444 Datasheet HTML 12Page - STMicroelectronics STLC5444 Datasheet HTML 13Page - STMicroelectronics STLC5444 Datasheet HTML 14Page - STMicroelectronics STLC5444 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
The contents and format of the status groups and the LER are as follows :
LVD:
Bit
Logical 1
Logical 0 (default value)
0
1
2
3
O0 low voltage
O1 low voltage
O2 low voltage
O3 low voltage
O0 voltage normal
O1 voltage normal
O2 voltage normal
O3 voltage normal
The Low Voltage Detector (LVD) indicates the voltage level on the output lines, even when the lines are
disabled. The low-voltage condition becomes active (logical 1) if the output reaches the Low Voltage
Threshold (VLVD).
LEC:
Bit
Logical 1
Logical 0
0
1
2
3
SWITCH ON
SWITCH ON
SWITCH ON
SWITCH ON
SWITCH OFF
SWITCH OFF
SWITCH OFF
SWITCH OFF
The Line Enable Command (LEC) indicates the status of the DMOS SWITCH OUTPUT.
OLD:
Bit
Logical 1
Logical 0 (default value)
0
1
2
3
O0 open loop
O1 open loop
O2 open loop
O3 open loop
O0 current normal
O1 current normal
O2 current normal
O3 current normal
The Open Loop Detector (OLD) indicates the open-loop condition on the output lines. The open-loop
condition becomes active (logical 1) if the current on the line drops below the threshold value ISOC.
COD:
Bit
Logical 1
Logical 0 (default value)
0
1
2
3
O0 current overload
O1 current overload
O2 current overload
O3 current overload
O0 current normal
O1 current normal
O2 current normal
O3 current normal
The Current Overload Detector (COD) indicates the current-overload condition on the output lines. The
overload condition becomes active (logical 1) if the output current approaches the value programmed by
an external resistor between ILIM and VBB.
TOR :
Bit
Logical 1 (default value)
Logical 0
0
1
2
3
O0 operational
O1 operational
O2 operational
O3 operational
O0 off
O1 off
O2 off
O3 off
The Thermal Overload Register (TOR) contains the overload status of the output line drivers. If the de-
vice temperature reaches 130
oC, then the output line drivers that are in the current-overload condition
will be switched off. The corresponding bits in the TOR will be set to a logical 0. To initialize any of the
bits in the TOR, the microprocessor must first turn off the output line drivers via the LER. However, the
TOR bits cannot be deactivated if the 160
oC detector is active. The µp may re-enable the output drivers
via the LER after the TOR condition is removed. The TOR is a read-only register.
STLC5444
11/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com