Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC5444 Datasheet HTML 9Page - STMicroelectronics STLC5444 Datasheet HTML 10Page - STMicroelectronics STLC5444 Datasheet HTML 11Page - STMicroelectronics STLC5444 Datasheet HTML 12Page - STMicroelectronics STLC5444 Datasheet HTML 13Page - STMicroelectronics STLC5444 Datasheet HTML 14Page - STMicroelectronics STLC5444 Datasheet HTML 15Page - STMicroelectronics STLC5444 Datasheet HTML 16Page - STMicroelectronics STLC5444 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
NOTE
Possible effect on the device of a Vbat variation
Be aware that a variation of Vbat during operation, when the switches are on can cause anomalous be-
haviour. To avoid that a turn-off occurs the variation should have a rise time equal or lower than
20V/
µs (fig. 5), and a fall time equal or lower than 2.0V/µs (fig.6).
Vbat0
Vbat1
Fail dV/dt > 25V/
µs
OK dV/dt < 20V/
µs
D97TL303
Figure 5: Typical rise time behaviour.
Vbat0
Vbat1
Fail dV/dt > 2.4V/
µs
OK dV/dt < 2.0V/
µs
D97TL304
Figure 6: Typical fall time behaviour.
STLC5444
14/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com