Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Datasheet(HTML) 4 Page - STMicroelectronics

  STLC5444 Datasheet HTML 1Page - STMicroelectronics STLC5444 Datasheet HTML 2Page - STMicroelectronics STLC5444 Datasheet HTML 3Page - STMicroelectronics STLC5444 Datasheet HTML 4Page - STMicroelectronics STLC5444 Datasheet HTML 5Page - STMicroelectronics STLC5444 Datasheet HTML 6Page - STMicroelectronics STLC5444 Datasheet HTML 7Page - STMicroelectronics STLC5444 Datasheet HTML 8Page - STMicroelectronics STLC5444 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
FUNCTIONAL DESCRIPTION (continued)
DGND - Ground Digital
ILIM - Current Limit Programming (Input)
ILIM programs the current limit of the Output driv-
ers using an external resistor connected between
ILIM and VBB. The ILIM pin is 1.25V more posi-
tive than VBB. The current limit is 5mA plus 1000
times the current in the external resistor. The pro-
grammed current limit applies to each driver.
INT - Interrupt (Output; Open-Collector, Active
Low)
INT augments the Microprocessor Interface by
generating an interrupt when a Current Overload
Detector (COD) occurs. INT is active whenever
any bits in the COD register are active. INT is not
latched; when the COD register is zero, INT goes
inactive (High). INT will also go inactive if the
IQFPS automatically disables the S-output driver
that caused the interrupt (due to Thermal Over-
load), or if the microprocessor disables that line
via the Line Enable Register (LER). COD inter-
rupts can be masked via the Indirect Address
Register (IAR); RESET always disables the INT
pin.
RD - Read (Input; Active Low)
The active Low read signal is conditioned by CS
and transfers internal information to the data bus.
If A0 is a logical 0, logic levels of the Indirect Ad-
dress Register (IAR) and Thermal Shutdown
Status bit will be transferred to D3-D0. If A0 is a
logical 1, the data addressed by the IAR will be
transferred to D3-D0.
RESET - Reset (Input; Active High)
RESET initialize the registers in the device, leav-
ing the drivers switched off.
S3-S0 - Drivers (Output)
S3-S0 each supply power to one line. The outputs
can sink up to 120 mA each. The voltage at the
line is connected to VBB through a DMOS switch.
VBB - Battery Voltage (input)
VBB is the internal negative supply voltage. VBB
must always be connected to the most negative
supply voltage. The MPI Registers will not func-
tion properly when the battery power is discon-
nected, that is, when VBB is floating or grounded.
The IQFPS should also be reset if a drastic tran-
sient is applied to VBB.
VCC - +5V Power Supply (Input)
WR - Write (Input; Active Low)
The active Low write signal is conditioned by CS
and transfers information from the data bus to an
internal register selected by A0. If A0 is a logical
1, D3-D0 is written into the Line Enable Register
(LER). If A0 is a logical 0, D3-D0 is written into
the IAR. LER and IAR are the only two writable
registers in the device.
STLC5444
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com