Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC5444 Datasheet HTML 8Page - STMicroelectronics STLC5444 Datasheet HTML 9Page - STMicroelectronics STLC5444 Datasheet HTML 10Page - STMicroelectronics STLC5444 Datasheet HTML 11Page - STMicroelectronics STLC5444 Datasheet HTML 12Page - STMicroelectronics STLC5444 Datasheet HTML 13Page - STMicroelectronics STLC5444 Datasheet HTML 14Page - STMicroelectronics STLC5444 Datasheet HTML 15Page - STMicroelectronics STLC5444 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
LER :
Bit
Logical 1
Logical 0 (default value)
0
1
2
3
O0 on
O1 on
O2 on
O3 on
O0 off
O1 off
O2 off
O3 off
The Line Enable Register (LER) is used to enable or disable the individual output line drivers. The output
line will only become active if the corresponding bit in the TOR is set to a logical 1. The LER can be writ-
ten directly and read indirectly.
ABSOLUTE MAXIMUM RATINGS (TA =0
°Cto 70°C)
Parameter
Value
Voltage from Digital Input to DGND
-0.4V to VCC
Voltage from VCC to DGND
-0.4V to +7V
Voltage from VBB to DGND
-130V to +0.4V
100ns Pulse voltage from Si to DGND (See Notes)
-130V to +2V
Voltage from BGND to DGND
+0.5V, -3V
Storage Temperature
T = -60
°C to +150°C
Note : Si stands for O0, O1, O2 or O3 outputs.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol1
Min.
Max.
Units
(*) Ambient Temperature
for standard type
for ext. temperature type
TA
TA
0
-40
70
85
°C
°C
Supply Voltage
VCC
VBB
DGND
BGND
4.75
-115
0
-3
5.25
-38
0
+0.5
V
V
V
V
Programmed Limiting Current
ISLIM
120
mA
Note: The test condition is specified with a diode in series with VBB.
(*): Specifications in this data sheet are guaranteed by testing from 0
°C to +70°C. For extended temperature range types, performance from
–40
°C to +85°C is guaranteed by characterization and periodic sampling of production units.
APPLICATION HINT
In the Absolute Maximum Ratings table it is speci-
fied that the voltage applied on the -Vbat pin
should never exceed by more than 0.4V the volt-
age applied on the Ground pin.
As long as the external circuitry assures compli-
ance with the above, no more considerations are
needed.
In some cases however it may be not possible to
exclude that conditions may occur (hot insertion,
power supply transients, etc.) where the negative
supply has a transient overshoot above ground
voltage. Then a protection circuitry that clamps
such overshoot can add to the equipment reliabil-
ity. Such protection can be designed taking into
considerations that typically the devices behave
as follows:
- if the Vbat pin is not connected, and the other
pins are normally biased, the chip generates
on it an open circuit voltage of +420mV.
- if all the other pins are normally biased and
the -Vbat pin forced at +600mV, a current of
10mA flows into it. At the same time from +5V
a current of 4mA is absorbed (this low current
from +5V simply means that no parasitic
latch-ups are triggered inside the chip). No
deterioration of the device occurs.
- if all the other pins are normally biased, and
the -Vbat pin is forced at +1.5V for a transient
period, no deterioration of the device occurs.
Transient period can be considered any time
interval that lasts for less than 10
µs and is not
repeated more than 5000 times during the
device lifetime.
ORDERING TYPES:
STLC5444B1, PDIP24 package: 0 to 70
°C Temperature range.
STLC5444FN, PLCC44 package: 0 to 70
°C Temperaturerange.
STLC5444B1-X, PDIP24 package: -40 to 85
°C Temperature range.
STLC5444FN-X, PLCC44 package: -40 to 85
°C Temperature range.
STLC5444
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com