Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC5444 Datasheet HTML 1Page - STMicroelectronics STLC5444 Datasheet HTML 2Page - STMicroelectronics STLC5444 Datasheet HTML 3Page - STMicroelectronics STLC5444 Datasheet HTML 4Page - STMicroelectronics STLC5444 Datasheet HTML 5Page - STMicroelectronics STLC5444 Datasheet HTML 6Page - STMicroelectronics STLC5444 Datasheet HTML 7Page - STMicroelectronics STLC5444 Datasheet HTML 8Page - STMicroelectronics STLC5444 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DC CHARACTERISTICS (VBB = -54V; VCC = 5V; unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input Voltage High Level
2
V
VIL
Input Voltage Low Level
0.8
V
IOH
High Level Output Current
VOH = 2.4V
400
µA
IOL
Low Level Output Current
VOL = 0.4V
2
mA
IIH
High Level Input Current
VIH =2V
10
µA
IIL
Low Level Input Current
VIL = 0.8V
60
µA
IOZH
Output Hi-Z Current High
2.4V < VOZ <VCC
10
µA
IOZL
Output Hi-Z Current Low
0V < VOZ < 0.4V
10
µA
ICC
VCC supply Current
1.4
5
mA
CL
Logic I/O Capacitance
10
pF
VSAT
Saturation Voltage
IS = 80mA
2
V
Ron
Output DMOS Saturation Resistivity
IS = 80mA
25
Ω
IBB
VBB Supply Current
VBB = -54V, RLIM = 26.6K
Ω,
Output Disabled
3.2
6
mA
∆ISLIM
Delta Limit Current vs.
Theoretical Programmed Value
ISLIM
RLIM = 26.6K
Ω,VBB = -96V
RLIM = 10.9K
Ω,VBB = -54V
±10%
VLVD
Low Voltage Detector Threshold
(relative to VBB)
S3 - S0 output active
2.7
3
3.3
V
ISOL
Current Overload Detector
Threshold (as % of ISLIM)
75
90
%
ISOC
Open Loop Detector Threshold
1.5
3
4
mA
ISZ
Si Leakage Current to ground @
Si disabled
VBB = -110V
100
µA
HLVD
Low Voltage Detector Hysteresis
18
200
mV
HOLD
Open Loop Detector Hysteresis
0.6
1.6
mA
HCOD
Current Overload Detector
Hysteresis
2.4
4.0
mA
H1
130
°C Thermal Detector
Hysteresis
10
°C
H2
160
°C Thermal Detector
Hysteresis
10
°C
TH1
Thermal Overload Recovery
Time H1
80
µs
STLC5444
5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com