Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5444 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5444
Description  QUAD FEEDER POWER SUPPLY
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5444 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5444 Datasheet HTML 1Page - STMicroelectronics STLC5444 Datasheet HTML 2Page - STMicroelectronics STLC5444 Datasheet HTML 3Page - STMicroelectronics STLC5444 Datasheet HTML 4Page - STMicroelectronics STLC5444 Datasheet HTML 5Page - STMicroelectronics STLC5444 Datasheet HTML 6Page - STMicroelectronics STLC5444 Datasheet HTML 7Page - STMicroelectronics STLC5444 Datasheet HTML 8Page - STMicroelectronics STLC5444 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
STLC5444
QUAD FEEDER POWER SUPPLY
SUPPLIES POWER FOR UP TO FOUR DIGI-
TAL TELEPHONE LINES
CONFORMS TO THE CCITT RECOMMEN-
DATIONS FOR POWER FEED AT THE S OR
T REFERENCE POINTS
SUPPORTS POINT-TO-POINT AND POINT
TO MULTIPOINT CONFIGURATIONS
EACH OF THE FOUR LINES IS INDIVIDU-
ALLY CONTROLLED
HIGH-VOLTAGE BCD TECHNOLOGY SUP-
PORTING UP TO -130V
AUTOMATIC THERMAL SHUTDOWN
STATUS CONDITION DETECTION (BY MI-
CROPROCESSOR) FOR EACH LINE:
– Low output voltage
– Openloop
– Current overload
– Thermal overload
– Normal line condition
PROGRAMMABLE CURRENT LIMITING
OUTPUT CURRENT UP TO 120mA
DESCRIPTION
The ISDN Quad Feeder Power Supply (IQFPS)
provides a power source for up to four line inter-
faces. The power source to the device is a local
battery or a centralized regulated power supply.
It can operate in point-to-point and point-to-mul-
tipoint configurations as far as S interface is con-
cerned.
By the device microprocessor interface, each
powered line is individually controlled and moni-
tored.
Therefore, overloads and faults are easy to detect
and localize even in a large system.
The status conditions detected by the device on
each line that may be read by the microprocessor
are :
low output voltage
openloop
current overload
thermal overload
normal line conditions
A hardware current limiting programmable feature
is available.
December 1997
DIP24
PLCC44
ORDERING NUMBERS: STLC5444B1 (DIP24)
STLC5444FN (PLCC44)
ILIM
N.C.
VBB
N.C.
S0
VBB
S1
1
3
2
4
5
6
7
8
9
S2
S3
RSRVD
RESET
RD
CS
WR
19
18
17
16
15
13
14
D94TL102
10
11
12
24
23
22
21
20
D1
D0
INT
BGND
VCC
ALE
DGND
A0
D3
D2
DIP24 PIN CONNECTION (Top view)
1/17


Similar Part No. - STLC5444

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5445 STMICROELECTRONICS-STLC5445 Datasheet
214Kb / 23P
QUAD LINE FEED CONTROLLER
Oct-2002
More results

Similar Description - STLC5444

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
250W Quad Output Power Supply
logo
Linear Technology
LTC2924 LINER-LTC2924 Datasheet
531Kb / 20P
Quad Power Supply Sequencer
logo
C&D Technologies
TPS_PCI500_4D CANDD-TPS_PCI500_4D Datasheet
491Kb / 4P
500W Quad Output Power Supply
logo
Gunter Seniconductor Gm...
TFB4014 GSG-TFB4014 Datasheet
139Kb / 6P
ISDN Power Feeder with 3.3V Logic
TFB4004 GSG-TFB4004 Datasheet
135Kb / 6P
ISDN Power Feeder with 5V Logic
logo
Extech Instruments Corp...
382270 EXTECH-382270_15 Datasheet
151Kb / 1P
Quad Output DC Power Supply
logo
Linear Technology
LTC2924 LINER-LTC2924_15 Datasheet
365Kb / 22P
Quad Power Supply Sequencer
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
Quad-Output Power Supply
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com