Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-R1KJX Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E5CS-R1KJX
Description  Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-R1KJX Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E5CS-R1KJX Datasheet HTML 4Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 5Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 6Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 7Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 8Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 9Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 10Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 11Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
E5CS-X
E5CS-X
12
Precautions
Mounting
All Temperature Controllers in the E5CS-X Series conform to
DIN43700 standard.
The recommended panel thickness is 1 to 4 mm.
Flush Mounting
Insert the Temperature Controller, back end first, into the hole of the
mounting panel. Mount the adapter by pushing it forward from the
back of the Temperature Controller. Push the adapter as close as
possible to the front panel of the Temperature Controller to eliminate
the gap between them. Then, secure the adapter with screws as
shown in the figure below.
Removal
Loosen the screws on the adapter and push the hook open to re-
move the adapter.
Hook
Screw
Environment
Do not install the Temperature Controller in locations subject to dust
or corrosive gases. Do not install the Temperature Controller in loca-
tions subject to heavy vibrations or shocks, splashes of water or oil,
or high temperatures.
Separate the Temperature Controller from equipment that gener-
ates strong, high-frequency noise such as high-frequency welders.
Connection Examples
Solderless Terminal
Use M3.5 solderless terminals with the Temperature Controller’s
M3.5 self-rising pressure plate screws.
Solder-dipped Lead Wires
Strip the lead wire 6 to 12 mm and carefully arrange the wire tip.
Do not tighten the terminal screw with excessive force.
Input Sensor Connection
The lead wires connecting the sensor to the Temperature Controller
must be separated from power lines and load lines wherever pos-
sible, to prevent them from being induced by noise.
Use the specified compensating conductors for the thermocouple
type Temperature Controllers.
Use lead wires with a small resistance for the Platinum resistance
thermometer type Temperature Controllers.
Sequence Circuit
Several seconds are required until the relay is turned ON after pow-
er is supplied to the Temperature Controller. Therefore, take this
time lag into consideration when designing a sequence circuit which
incorporates the Temperature Controller.
OMRON Corporation
Industrial Automation Company
Measuring and Supervisory Controls Division
28th Fl., Crystal Tower Bldg.,
1-2-27, Shiromi, Chuo-ku,
Osaka 540-6028 Japan
Tel: (81)6-6949-6035/Fax: (81)6-6949-606
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.
Cat. No. H032-E1-2A In the interest of product improvement, specifications are subject to change without notice.
Printed in Japan
0300-0.3M (0689)
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com