Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CS-R1KJX Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E5CS-R1KJX
Description  Temperature Controller DIN-sized (48��48 mm) Temperature Controller Features Automatic P (proportional action) Tuning Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CS-R1KJX Datasheet(HTML) 4 Page - Omron Electronics LLC

  E5CS-R1KJX Datasheet HTML 1Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 2Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 3Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 4Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 5Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 6Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 7Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 8Page - Omron Electronics LLC E5CS-R1KJX Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E5CS-X
E5CS-X
4
Specifications
Ratings
Supply voltage
100 to 240 VAC 50/60 Hz
Operating voltage range
85 to 110% of rated supply voltage
Power consumption
Approx. 7 VA
Control output
Relay
3 A 250 VAC (resistive load), SPDT
Co
o ou pu
Voltage
20 mA 12 VDC, w/short-circuit protection circuit
Alarm output
1 A 250 VAC (resistive load), SPST-NO
Characteristics
Setting accuracy
±0.5% of full scale, ±1 digit max.
Indication accuracy
Set value coincides with indicated value, since no relative error exists between these values.
Hysteresis
0.2% of full scale (during ON/OFF control)
Proportional band
3% to 20% (automatically adjusted according to the rise time of the controlled system)
Reset time
4 minutes (fixed)
Rate time
0.4 minutes (fixed)
Alarm output setting range
0 to full scale for all modes except the absolute-value alarm mode (see note)
Alarm output setting range
(Absolute-value alarm mode)
Same as switch-selectable standard temperature ranges shown at the top of the tables in
Ordering Information
Proportional period
2/20 seconds
Sampling period
500 ms (Output change period: 2 seconds; Indication change period: 2 seconds)
Insulation resistance
20 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 minute (between current-carrying terminals of different polarity)
Vibration resistance
Malfunction: 2 to 55 Hz, 2 G for 10 minutes each in X, Y, and Z directions
Destruction: 10 to 55 Hz, 0.75 mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Malfunction: 100 m/s2, in 6 directions, 3 times each
Destruction: 300 m/s2, in 6 directions, 3 times each
Ambient temperature
Operating: –10 to 55
°C
Storage: –25 to 65
°C
Humidity
35% to 85% RH
Degree of protection
IEC 144
Front panel: IP50
Rear panel: IP30
Terminals: IP00
Life expectancy
Mechanical: 10,000,000 operations min. (relay output)
Electrical: 100,000 operations min. (relay output)
Weight
Approx. 170 g (main enclosure only)
Note:
Set values must be within the allowable range limits for alarm values, control outputs, etc. If a set value does not satisfy the following
condition, select another range:
Minimum of temperature range
x Tset ±X x Maximum of temperature range
where:
Tset=Set temperature, and
X=Alarm value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com