Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS1PHR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCS1PHR
Description  1.5 A max constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS1PHR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCS1PHR Datasheet HTML 6Page - STMicroelectronics STCS1PHR Datasheet HTML 7Page - STMicroelectronics STCS1PHR Datasheet HTML 8Page - STMicroelectronics STCS1PHR Datasheet HTML 9Page - STMicroelectronics STCS1PHR Datasheet HTML 10Page - STMicroelectronics STCS1PHR Datasheet HTML 11Page - STMicroelectronics STCS1PHR Datasheet HTML 12Page - STMicroelectronics STCS1PHR Datasheet HTML 13Page - STMicroelectronics STCS1PHR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Application information
STCS1
10/17
8
Application information
8.1
Reverse polarity protection
STCS1 must be protected from reverse connection of the supply voltage. Since the current
sunk from VCC pin is in the range of 450 µA a small diode connected to VCC is able to
protect the chip. Care must be taken for the whole application circuit, especially for the
LEDs, in fact, in case a negative voltage is applied between VIN and GND, a negative
voltage will be applied to the LED string that must have a total breakdown voltage higher
than the negative applied voltage in order to avoid any damage.
8.2
Thermal considerations
The STCS1 is able to control a LED current up to 1.5 A and able to sustain a voltage on the
drain pin up to 40 V. Those operating conditions are however limited by thermal constraints,
the thermal resistances shown in the THERMAL DATA section are the typical ones, in
particular RthJA depends on the copper area and the number of layers of the printed circuit
board under the pad. DFN8 and PowerSO-8 have an exposed die attach pad which
enhances the thermal conductivity enabling high power application.
The power dissipation in the device can be calculated as follow:
PD = (VDRAIN - VFB) x ILED + (VCC x ICC)
basing on this and on the thermal resistance and ambient temperature, the junction
temperature can be calculated as:
TJ = RthJA x PD + TA
A typical application could be:
– Input Voltage: 12 V;
– 3 white LEDs with an typical VF = 3.6 V;
– LEDs current: 500mA;
Figure 11.
Reverse polarity condition
PWM
EN
GND
VCC
DRAIN
DISC
FB
VIN
+
or similar
BAT46
PWM
EN
GND
VCC
DRAIN
DISC
FB
VIN
+
or similar
BAT46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com