Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCS1PHR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCS1PHR
Description  1.5 A max constant current LED driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCS1PHR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCS1PHR Datasheet HTML 9Page - STMicroelectronics STCS1PHR Datasheet HTML 10Page - STMicroelectronics STCS1PHR Datasheet HTML 11Page - STMicroelectronics STCS1PHR Datasheet HTML 12Page - STMicroelectronics STCS1PHR Datasheet HTML 13Page - STMicroelectronics STCS1PHR Datasheet HTML 14Page - STMicroelectronics STCS1PHR Datasheet HTML 15Page - STMicroelectronics STCS1PHR Datasheet HTML 16Page - STMicroelectronics STCS1PHR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package mechanical data
STCS1
14/17
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.70
0.067
A1
0.00
0.15
0.00
0.006
A2
1.25
0.049
0.142
b
0.31
0.51
0.012
0.020
c
0.17
0.25
0.007
0.010
D4.804.90
5.00
0.189
0193
0.197
D1
2.24
3.10
3.20
0.088
0.122
0.126
E5.80
6.00
6.20
0.228
0.236
0.244
E1
3.80
3.90
4.00
0.150
0.154
0.157
E2
1.55
2.41
2.51
0.061
0.095
0.099
e
1.27
0.050
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k0°
8°0°
ccc
0.10
0.004
PowerSO-8 mechanical data
7195016C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com