Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580AGEFTV Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
Production Data
WM8580
w
PD Rev 4.3 August 2007
51
PLL CONFIGURATION
The PLLs perform a configurable frequency multiplication of the input clock signal (f1). The
multiplication factor of the PLL (denoted by ‘R’) is variable and is defined by the relationship: R = (f2 ÷
f1).
The multiplication factor for each PLL is set using register bits PLLx_N and PLLx_K (refer to Table
41). The multiplication effect of both the N and K multipliers are additive (i.e. if N is configured to
provide a multiplication factor of 8 and K is configured to provide a multiplication factor of 0.192, the
overall multiplication factor is 8 + 0.192 = 8.192).
In order to choose and configure the correct values for PLLx_N and PLLx_K, multiplication factor R
must first be calculated. Once value R is calculated, the value of PLLx_N is the integer (whole
number) value of R, ignoring all digits to the right of the decimal point. For example, if R is calculated
to be 8.196523, PLL_N is simply 8.
Once PLLx_N is calculated, the PLLx_K value is simply the integer value of (222 (R-PLLx_N)). For
example, if R is 8.196523 and PLLx_N is 8, PLLx_K is therefore (222 (8.196523-8)), which is 824277
(ignoring all digits to the right of the decimal point).
Note:
The PLLs are designed to operate with best performance (shortest lock time and optimum stability)
when f2 is between 90 and 100MHz and PLLx_N is 8. However, acceptable PLLx_N values lie in the
range 5 ≤ PLLx_N ≤ 13.
Each PLL has an output divider to allow the f2 clock signal to be divided to a frequency suitable for
use as the source for the MCLK and CLKOUT outputs, the S/PDIF transmitter and the internal ADC
and DACs. The divider output is configurable and is set by the FREQMODE_A or FREQMODE_B
bits in conjunction with the POSTSCALE_A and POSTSCALE_B bits. Each PLL is also equipped
with a pre-scale divider which offers frequency divide by one or two before the OSCCLK signal is
input into the PLL. Please refer to Table 43 for details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3
PLLA 4
03h
0
PRESCALE_A
0
R7
PLLB 4
07h
0
PRESCALE_B
0
PLL Pre-scale Divider Select
0 = Divide by 1 (PLL input clock =
oscillator clock)
1 = Divide by 2 (PLL input clock =
oscillator clock
÷ 2)
Note: PRESCALE_A must be set to
the same value as PRESCALE_B in
PLL S/PDIF receiver mode.
R3
PLLA 4
03h
4:3
FREQMODE_A
[1:0]
10
R7
PLLB 4
07h
4:3
FREQMODE_B
[1:0]
10
PLL Output Divider Select
PLL S/PDIF Receiver Mode
FREQMODE_A is automatically
controlled. FREQMODE_B is not
used.
PLL User Mode
Used in conjunction with the
POSTSCALE_x bits. Refer to Table
44.
R3
PLLA 4
03h
1
POSTSCALE_A
0
R7
PLLB 4
07h
1
POSTSCALE_B
0
PLL Post-scale Divider Select
PLL S/PDIF Receiver Mode
POSTSCALE_A is used to configure
a 256fs or 128fs PLLACLK,
POSTSCALE_B is not used. Refer
to Table 45.
PLL User Mode
Used in conjunction with the
FREQMODE_x bits. Refer to Table
44.
Table 43 Pre and Post PLL Clock Divider Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com