Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580AGEFTV Datasheet(PDF) 84 Page - Wolfson Microelectronics plc

Part # WM8580AGEFTV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580AGEFTV Datasheet(HTML) 84 Page - Wolfson Microelectronics plc

Back Button WM8580AGEFTV Datasheet HTML 80Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 81Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 82Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 83Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 84Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 85Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 86Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 87Page - Wolfson Microelectronics plc WM8580AGEFTV Datasheet HTML 88Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
WM8580
Production Data
w
PD Rev 4.3 August 2007
84
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
TXVAL_OVWR
0
S/PDIF Transmitter Validity Overwrite Mode
0 = disabled, validity bit is 0 when transmitter sources ADC,
PAIF or SAIF, or is matches the S/PDIF input validity when
S/PDIF transmitter sources S/PDIF receiver.
1 = enabled, validity bit transmitted for subframe 0 is defined
by TXVAL_SF0, validity bit transmitted for subframe 1 is
defined by TXVAL_SF1.
5
TXVAL_SF0
0
Overwrite Mode S/PDIF Transmitter Validity Sub-Frame 0
0 = transmit validity = 0
1 = transmit validity = 1
6
TXVAL_SF1
0
Overwrite Mode S/PDIF Transmitter Validity Sub-Frame 1
0 = transmit validity = 0
1 = transmit validity = 1
0
CON/PRO
0
0 = Consumer Mode
1 = Professional Mode (not supported by WM8580)
1
AUDIO_N
0
0 = S/PDIF transmitted data is audio PCM.
1 = S/PDIF transmitted data is not audio PCM.
2
CPY_N
0
0 = Transmitted data has copyright asserted.
1 = Transmitted data has no copyright assertion.
5:3
DEEMPH[2:0]
000
000 = Data from Audio interface has no pre-emphasis.
001 = Data from Audio interface has pre-emphasis.
010 = Reserved (Audio interface has pre-emphasis).
011 = Reserved (Audio interface has pre-emphasis).
All other modes are reserved and should not be used.
R31
SPDTXCHAN 1
1Fh
7:6
CHSTMODE
[1:0]
00
00 = Only valid mode for consumer applications.
R32
SPDTXCHAN 2
20h
7:0
CATCODE
[7:0]
00000000
Category Code. Refer to S/PDIF specification for details.
00h indicates “general” mode
3:0
SRCNUM
[3:0]
0000
Indicates S/PDIF source number.
No definitions are attached to data.
Channel Number for Subframe 1
CHNUM1
Channel Status Bits[21:20]
00
0000 = Do not use channel number
01
0001 = Send to Left Channel
10
0010 = Send to Right Channel
5:4
CHNUM1[1:0]
00
11
0000 = Do not use channel number
Channel Number for Subframe 2
CHNUM2
Channel Status Bits[23:22]
00
0000 = Do not use channel number
01
0001 = Send to Left Channel
10
0010 = Send to Right Channel
R33
SPDTXCHAN 3
21h
7:6
CHNUM2[1:0]
00
11
0000 = Do not use channel number
3:0
FREQ[3:0]
0001
Sampling Frequency Indicated.
Refer to S/PDIF specification IEC60958-3 for details.
0001 = Sampling Frequency not indicated.
R34
SPDTXCHAN 4
22h
5:4
CLKACU[1:0]
11
Clock Accuracy of Transmitted clock.
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to sampling frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com