Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16VT210SS Datasheet(PDF) 2 Page - Littelfuse

Part # 16VT210SS
Description  POLYFUSE짰 Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16VT210SS Datasheet(HTML) 2 Page - Littelfuse

  16VT210SS Datasheet HTML 1Page - Littelfuse 16VT210SS Datasheet HTML 2Page - Littelfuse 16VT210SS Datasheet HTML 3Page - Littelfuse 16VT210SS Datasheet HTML 4Page - Littelfuse 16VT210SS Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
VT Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Axial Leaded Strap
Ambient Operation Temperature
-40°C
-20°C
0°C
23°C
40°C
50°C
60°C
70°C
85°C
Part Number
Hold Current (A)
16VT170
3.20
2.70
2.20
1.70
1.30
1.00
0.80
0.50
0.10
16VT170XS
3.20
2.70
2.20
1.70
1.30
1.00
0.80
0.50
0.10
16VT175
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175S
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175L
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175XL
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175EL
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT175NEL
3.20
2.70
2.20
1.75
1.30
1.00
0.80
0.50
0.10
16VT200
3.70
3.20
2.60
2.00
1.50
1.20
0.90
0.50
0.10
16VT200S
3.70
3.20
2.60
2.00
1.50
1.20
0.90
0.50
0.10
16VT200UL
3.70
3.20
2.60
2.00
1.50
1.20
0.90
0.50
0.10
16VT210
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210S
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210SS
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210L
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210NL
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT210UL
4.10
3.50
2.90
2.10
1.60
1.30
1.00
0.70
0.10
16VT240
4.40
3.70
3.10
2.40
1.80
1.50
1.20
0.90
0.10
Temperature Rerating
Temperature Rerating Curve
-40 -30 -20 -10
0
10
20 30
40
50
60
70
80
10%
30%
50%
70%
90%
110%
130%
150%
170%
Temperature (°C)
200%
Average Time Current Curves
A: 16VT170XS
B: 16VT210S
A
B
The average time current curves and temperature rerating curve performance is affected
by a number or variables, and these curves provided as guidance only. Customer must
verify the performance in their application.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com