Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16VT210SS Datasheet(PDF) 1 Page - Littelfuse

Part # 16VT210SS
Description  POLYFUSE짰 Resettable PTCs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16VT210SS Datasheet(HTML) 1 Page - Littelfuse

  16VT210SS Datasheet HTML 1Page - Littelfuse 16VT210SS Datasheet HTML 2Page - Littelfuse 16VT210SS Datasheet HTML 3Page - Littelfuse 16VT210SS Datasheet HTML 4Page - Littelfuse 16VT210SS Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
VT Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Axial Leaded Strap
VT Series
The new VT series device provides reliable, noncycling
protection against overcharging and short circuits events
for rechargeable battery cells where resettable protection
is desired.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
16VT170
1.70
3.40
16
100
1.4
8.50
3.00
0.030
0.052
0.105
X
X
16VT170XS
1.70
3.40
16
100
1.4
8.50
3.00
0.030
0.052
0.105
X
X
16VT175
1.75
3.80
16
100
1.4
9.00
3.00
0.025
0.045
0.090
X
X
16VT175S
1.75
3.80
16
100
1.4
9.00
3.00
0.025
0.045
0.090
X
X
16VT175L
1.75
3.80
16
100
1.4
9.00
3.00
0.025
0.045
0.090
X
X
16VT175XL
1.75
3.80
16
100
1.4
8.75
5.00
0.029
0.051
0.102
X
X
16VT175EL
1.75
3.60
16
100
1.4
8.75
5.00
0.029
0.051
0.102
X
X
16VT175NEL
1.75
3.60
16
100
1.4
8.75
5.00
0.029
0.051
0.102
X
X
16VT200
2.00
4.50
16
100
1.5
10.00
4.00
0.021
0.039
0.080
X
X
16VT200S
2.00
4.50
16
100
1.5
10.00
4.00
0.021
0.039
0.080
X
X
16VT200UL
2.00
4.70
16
100
1.5
10.00
5.00
0.022
0.039
0.076
X
X
16VT210
2.10
4.70
16
100
1.5
10.00
5.00
0.018
0.030
0.060
X
X
16VT210S
2.10
4.70
16
100
1.5
10.00
5.00
0.018
0.030
0.060
X
X
16VT210SS
2.10
4.70
16
100
1.5
10.00
5.00
0.018
0.030
0.060
X
X
16VT210L
2.10
4.70
16
100
1.5
10.00
5.00
0.018
0.030
0.060
X
X
16VT210NL
2.10
4.70
16
100
1.5
10.00
5.00
0.018
0.035
0.065
X
X
16VT210UL
2.10
4.70
16
100
1.5
10.00
5.00
0.018
0.035
0.065
X
X
16VT240
2.40
5.40
16
100
1.5
12.00
4.00
0.015
0.026
0.052
X
X
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Description
Features
Applications
• RoHS compliant and
lead-free
• Weldable nickel terminals
• Slim, low profile design
• Compact design saves
board space
• Low resistance
• Rechargeable battery cell
protection
- Mobile phones
- Laptop computers
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521


Similar Part No. - 16VT210SS

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
16VTO250V YAGEO-16VTO250V Datasheet
719Kb / 23P
Surface-Mount Ceramic Multilayer Capacitors
Jan. 29, 2024 V.19
More results

Similar Description - 16VT210SS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
POLYFUSE짰 Resettable PTCs
2016L030 LITTELFUSE-2016L030 Datasheet
341Kb / 4P
POLYFUSE짰 Resettable PTCs
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com