Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SCL Datasheet(PDF) 3 Page - Littelfuse

Part # P2000SCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCL Datasheet(HTML) 3 Page - Littelfuse

  P2000SCL Datasheet HTML 1Page - Littelfuse P2000SCL Datasheet HTML 2Page - Littelfuse P2000SCL Datasheet HTML 3Page - Littelfuse P2000SCL Datasheet HTML 4Page - Littelfuse P2000SCL Datasheet HTML 5Page - Littelfuse P2000SCL Datasheet HTML 6Page - Littelfuse P2000SCL Datasheet HTML 7Page - Littelfuse P2000SCL Datasheet HTML 8Page - Littelfuse P2000SCL Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
*DV3ODVPD $UUHVWHUV³3DFNDJH 'LPHQVLRQV6SHFLILFDWLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 3
www.littelfuse.com
*DV 3ODVPD $UUHVWHUV³3DFNDJH 'LPHQVLRQV6SHFLILFDWLRQV
The following illustrations show package dimensions and mechanical specifications for
each of the gas plasma arresters.
SL1122A Series
The SL1122A series device weighs 2.7 grams (0.095 ounces). Body material is ceramic.
The electrode base is made of nickel iron alloy, and the electrode plating material is
bright Sn. Each device is marked with an LF logo, voltage, and date code.
SL0902A Series
The SL0902A series device weighs 0.33 grams (0.011 ounces). Body material is ceramic.
The electrode base is made of copper alloy, and the electrode plating material is bright Sn.
Each device is marked with an LF logo, voltage, and date code.
0.
196 ±0.007
(5.0 ±0.
2)
Recommended Pad Layout
Dimensions are in inches
(and millimeters).
0.
196 ±0.007
(5.0 ±0.
2)
0.
196 ±0.007
(5.0 ±0.
2)
SL0902AxxxSM
GDT Seating Plane
for SL0902AxxxSM
0.
180
(4.50)
0.
204
(5.
10)
0.0
279
(0.70)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com