Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SCL Datasheet(PDF) 32 Page - Littelfuse

Part # P2000SCL
Description  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2000SCL Datasheet(HTML) 32 Page - Littelfuse

Back Button P2000SCL Datasheet HTML 28Page - Littelfuse P2000SCL Datasheet HTML 29Page - Littelfuse P2000SCL Datasheet HTML 30Page - Littelfuse P2000SCL Datasheet HTML 31Page - Littelfuse P2000SCL Datasheet HTML 32Page - Littelfuse P2000SCL Datasheet HTML 33Page - Littelfuse P2000SCL Datasheet HTML 34Page - Littelfuse P2000SCL Datasheet HTML 35Page - Littelfuse P2000SCL Datasheet HTML 36Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
www.littelfuse.com
9 - 32
© 2006 Littelfuse, Inc. • Telecom Design Guide
6XPPDU\RI 3DFNLQJ2SWLRQV
SL1411A Series
Tape and Reel Pack
1000
A
EIA-296
Bulk Pack
1000
C
N/A
DO-214AA
SA, SB, SC, SD, including MC
Embossed Carrier Reel Pack
2500
RP
EIA-481-1
TO-92
EA, EB, EC, including MC
Note: Standard lead spacing for TO-92
reel pack is 0.200” (RP2).
Bulk Pack
2000
Standard
N/A
Tape and Reel Pack
2000
RP1, RP2
EIA-468-B
Ammo Pack
2000
AP
EIA-468-B
T10A [DO-15]
Tape and Reel Pack
5000
RP
EIA-468-B
Bulk Pack
1000
N/A
N/A
T10B [DO-201AD]
Tape and Reel Pack
1000
RP
EIA-468-B
Bulk Pack
500
N/A
N/A
[T10C]
Bulk Pack (10 x Trays of 100)
1000
N/A
N/A
Modified MS-013
Tape and Reel Pack
1500
RP
EIA-481-1
Tube Pack
50 per tube,
10 tubes per container
TP
EIA-481-1
Package Type
Description
Packing
Quantity
Added
Suffix
Industry
Standard
3-lead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com