Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF3321 Datasheet(PDF) 2 Page - LOGIC Devices Incorporated

Part # LF3321
Description  Horizontal Digital Image Filter Improved Performance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3321 Datasheet(HTML) 2 Page - LOGIC Devices Incorporated

  LF3321 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DEVICES INCORPORATED
LF3321
Horizontal Digital Image Filter
Improved Performance
LOGIC Devices Incorporated
2
Feb 5, 2003 LDS.3321-A
Video Imaging Products
256
COEFFICIENT
SET
STORAGE
16-TAP
FILTER A
16-TAP
FILTER B
DIN11-0
12
256
COEFFICIENT
SET
STORAGE
ROUT11-0
12
12
12
ROUND
SELECT
LIMIT
CIRCUITRY
OED
CAA7-0
CENA
8
CAB7-0
CENB
8
COUT11-0
RIN11-0
DOUT15-0
CFA11-0
12
LDA
CFB11-0
LDB
16
INTERLEAVE / DECIMATION
REGISTERS
12
CLK
PAUSEA
PAUSEB
Figure 2. LF3321 Block Diagram
DESCRIPTION
Symbol
Parameter
MIN
MAX
tCYC
Cycle Time
9
tPWL
Clock Pulse Width Low
4
tPWH
Clock Pulse Width High
4
tS0
Input Setup Time
4
tH0
Input Hold Time
0
tSCT
Setup Time Control Inputs
4
tHCT
Hold Time Control Inputs
0
tSCC
Setup Time Coefficient Control Inputs
4
tHCC
Hold Time Coefficient Control Inputs
0
tD
Output Delay
8
tDCC
Cascade Output Delay
7.5
tDIS
Three State Output Display Delay
10
tDIS
Three State Output Enable Delay
10
Table 1. Switching Characteristics
Commercial Operating Range (0ºC to + 70ºC)
9
* (ns) speed grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com