Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF3321 Datasheet(PDF) 21 Page - LOGIC Devices Incorporated

Part # LF3321
Description  Horizontal Digital Image Filter Improved Performance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3321 Datasheet(HTML) 21 Page - LOGIC Devices Incorporated

Back Button LF3321 Datasheet HTML 17Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 18Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 19Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 20Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 21Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 22Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 23Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 24Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 25Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DEVICES INCORPORATED
LF3321
Horizontal Digital Image Filter
Improved Performance
LOGIC Devices Incorporated
21
Feb 5, 2003 LDS.3321-A
Video Imaging Products
Vcc and GND
+3.3 V power supply. All pins must be connected.
CLK — Master Clock
The rising edge of CLK strobes all enabled registers.
DIN11-0 — Data Input
DIN11-0 is the 12-bit data input port to Filter A. In Dual Filter Mode, DIN11-0 can also be the 12-bit input port
to Filter B. Data is latched on the rising edge of clock.
RIN11-0 — Reverse Cascade Input
In Single Filter Mode, RIN11-0 is the 12-bit reverse cascade input port. This port is connected to ROUT11-0
of another LF3321. In Dual Filter Mode, RIN11-0 can be the 12-bit input port to Filter B. Data is latched
on the rising edge of CLK.
CFA11-0 — Coefficient A Input
CFA11-0 is used to load data into the Filter A coefficient banks (banks 0 through 7) and the configuration/
control registers. Data present on CFA11-0 is latched into the Filter A LF InterfaceTM on the rising edge of
CLK when LDA is LOW (see the LF InterfaceTM section for a full discussion).
CAA7-0 — Coefficient Address A
CAA7-0 determines which row of data in coefficient banks 0 through 7 is fed to the multipliers. CAA7-0 is
latched into Coefficient Address Register A on the rising edge of CLK when CENA is LOW.
CFB11-0 — Coefficient B Input
CFB11-0 is used to load data into the Filter B coefficient banks (banks 8 through 15) and the configuration/
control registers. Data present on CFB11-0 is latched into the Filter B LF InterfaceTM on the rising edge of
CLK when LDB is LOW (see the LF InterfaceTM section for a full discussion).
CAB7-0 — Coefficient Address B
CAB7-0 determines which row of data in coefficient banks 8 through 15 is fed to the multipliers. CAB7-0 is
latched into Coefficient Address Register B on the rising edge of CLK when CENB is LOW.
Power
Signal Definitions
Clock
Inputs
Figure 23. Input Formats
11 10 9
2 1 0
–211
(Sign)
210 29
22 21 20
11 10 9
2 1 0
–20
(Sign)
2–1 2–2
2–9 2–10 2–11
Input Data
Coefficient Data
Figure 24. Accumulator Output Formats
31 30 29
2 1 0
–220
(Sign)
219 218
2–9 2–10 2–11
31 30 29
2 1 0
–220
(Sign)
219 218
2–9 2–10 2–11
Accumulator A Output
Accumulator B Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com