Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1174IPAPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1174IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1174IPAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1174IPAPR Datasheet HTML 4Page - Texas Instruments ADS1174IPAPR Datasheet HTML 5Page - Texas Instruments ADS1174IPAPR Datasheet HTML 6Page - Texas Instruments ADS1174IPAPR Datasheet HTML 7Page - Texas Instruments ADS1174IPAPR Datasheet HTML 8Page - Texas Instruments ADS1174IPAPR Datasheet HTML 9Page - Texas Instruments ADS1174IPAPR Datasheet HTML 10Page - Texas Instruments ADS1174IPAPR Datasheet HTML 11Page - Texas Instruments ADS1174IPAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
www.ti.com
SCLK
FSYNC
DOUT
DIN
t
DOHD
t
FPW
t
S
t
SF
t
SPW
t
SPW
t
FRAME
t
FPW
t
FS
t
DIHD
t
MSBPD
t
DIST
Bit15(MSB)
Bit14
Bit13
t
DOPD
CLK
t
CPW
t
CPW
t
CF
t
CLK
TIMING REQUIREMENTS: FRAME-SYNC FORMAT
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
TIMING CHARACTERISTICS: FRAME-SYNC FORMAT
For TA = –40°C to +105°C, IOVDD = 1.65V to 3.6V, and DVDD = 1.65V to 1.95V.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
tCLK
CLK period (1/fCLK)
37
10,000
ns
tCPW
CLK positive or negative pulse width
15
ns
tCF
Falling edge of CLK to falling edge of SCLK
–0.35 tCLK
0.35 tCLK
ns
tFRAME
Frame period (1/fDATA)
(1)
256
2560
CLK periods
tFPW
FSYNC positive or negative pulse width
1
SCLK periods
tFS
Rising edge of FSYNC to rising edge of SCLK
5
ns
tSF
Rising edge of SCLK to rising edge of FSYNC
5
ns
tS
SCLK period(2)
tCLK
ns
tSPW
SCLK positive or negative pulse width
0.4 tSCLK
0.6 tSCLK
ns
tDOHD
(3) (4)
SCLK falling edge to old DOUT invalid (hold time)
6
ns
tDOPD
(3)
SCLK falling edge to new DOUT valid (propagation delay)
28
ns
tMSBPD
FSYNC rising edge to DOUT MSB valid (propagation delay)
28
ns
tDIST
New DIN valid to falling edge of SCLK (setup time)
6
ns
tDIHD
(4)
Old DIN valid to falling edge of SCLK (hold time)
6
ns
(1)
Depends on MODE[1:0] and CLKDIV selection. See Table 5 (fCLK/fDATA).
(2)
tDOHD (DOUT hold time) and tDIHD (DIN hold time) are specified under opposite worst-case conditions (digital supply voltage and
ambient temperature). Under equal conditions, with DOUT connected directly to DIN, the timing margin is 4ns.
(3)
SCLK must be continuously running and limited to ratios of 1, 1/2, 1/4, and 1/8 of fCLK.
(4)
Load on DOUT = 20pF.
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com