Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1174IPAPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1174IPAPR
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1174IPAPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1174IPAPR Datasheet HTML 15Page - Texas Instruments ADS1174IPAPR Datasheet HTML 16Page - Texas Instruments ADS1174IPAPR Datasheet HTML 17Page - Texas Instruments ADS1174IPAPR Datasheet HTML 18Page - Texas Instruments ADS1174IPAPR Datasheet HTML 19Page - Texas Instruments ADS1174IPAPR Datasheet HTML 20Page - Texas Instruments ADS1174IPAPR Datasheet HTML 21Page - Texas Instruments ADS1174IPAPR Datasheet HTML 22Page - Texas Instruments ADS1174IPAPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
www.ti.com
DRDY/FSYNC (Frame-Sync Format)
FRAME-SYNC SERIAL INTERFACE
DOUT
SCLK
DIN
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
In Frame-Sync format, this pin is used as the FSYNC
Frame-Sync format is similar to the interface often
input. The frame-sync input (FSYNC) sets the frame
used
on
audio
ADCs.
It
operates
in
slave
period which must be same as the data rate. The
fashion—the user must supply framing signal FSYNC
required number of fCLK cycles to each FSYNC period
(similar to the left/right clock on stereo audio ADCs)
depends on the mode selection and the CLKDIN
and the serial clock SCLK (similar to the bit clock on
input. Table 5 indicates the number of CLK cycles to
audio ADCs). The data is output MSB first or
each frame (fCLK/fDATA). If the FSYNC period is not
left-justified. When using Frame-Sync format, the
the proper value, data readback will be corrupted.
FSYNC and SCLK inputs must be continuously
running with the required relationships shown in the
Frame-Sync Timing Requirements.
In Discrete Data Output mode, the conversion data
are shifted out on the individual DOUT pins (DOUT1,
DOUT2, etc.), whereas in TDM mode, data are output
The serial clock (SCLK) features a Schmitt-triggered
only on DOUT1. The MSB data become valid on
input and shifts out data on DOUT on the falling
DOUT[4:1]/[8:1] on the SCLK rising edge prior to
edge. It also shifts in data on the falling edge on DIN
FSYNC going high. The subsequent bits are shifted
when this pin is being used for daisy-chaining. Even
out with each falling edge of SCLK. If daisy-chaining
though SCLK has hysteresis, it is recommended to
(TDM mode), the data shifted in using DIN will appear
keep SCLK as clean as possible to prevent glitches
on DOUT1 after all channel data have been shifted
from accidentally shifting the data. When using
out (that is, 4 channels
× 16 bits per channel = 64 bits
Frame-Sync format, SCLK must run continuously. If it
for the ADS1174, and 8 channels
× 16 bits per
is shut down, the data readback will be corrupted.
channel = 128 bits for the ADS1178).
The number of SCLKs within a frame period (FSYNC
clock) can be any power of two ratio of clock cycles
(1, 1/2, 1/4, etc.), as long as the number of cycles is
sufficient to shift the data output from all channels
This input is used when multiple ADS1174/78s are to
within one data frame.
be daisy-chained together. It can be used with either
SPI or Frame-Sync formats. Data are shifted in on
the falling edge of SCLK. When using only one
ADS1174/78, tie DIN low. See the Daisy-Chaining
section for more information.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com