Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET2282 Datasheet(PDF) 1 Page - PLX Technology

Part # NET2282
Description  PCI to USB 2.0 Hi-Speed Peripheral Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

NET2282 Datasheet(HTML) 1 Page - PLX Technology

  NET2282 Datasheet HTML 1Page - PLX Technology NET2282 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI to USB 2.0 Hi-Speed Peripheral Controller
.
Features
Overview
o
PCI v3.0 – 66MHz, 32-bit Bus
o Hi-Speed USB 2.0 Peripheral Port
o Integrated 8051 CPU @ 30 MHz
o 32K of shared Random Access
Memory accessible from the USB
Host and the PCI Bus
o
Descriptor-based DMA Controllers
(4) for automatic data transfers
o
Low Power 0.18u process ideal for
USB Bus Powered Operation
o
Lead Free Packaging
o
14x14mm, 120-Pin QFP Package
Conventional PCI Interface
o
PCI v3.0 - 66MHz, 32-bit PCI Bus
o
3.3V interface with 5V tolerance for
compatibility with both 3.3 and 5V
PCI systems
o
Plug into existing PCI based systems
to instantly add a High Speed USB
2.0 Device Port
o
PCI Host Option for simple PCI
Adapter to USB Peripheral
Conversions
o
Straightforward PC Card to
ExpressCard
TM Conversions
o
Mastering PCI Interface
o
Optional PCI Arbiter included
Hi-Speed USB 2.0 Interface
o
USB 2.0 Peripheral Interface
o
Hi-Speed USB with Sustained
Bandwidth of up to 40MBytes/sec (at
480 Mbps bursts)
o
Backwards compatible to Full Speed
USB connections
o
Utilize up to 30 Independent USB
Endpoints using Dynamic Virtual
Endpoint Technology
TM
o
USB Auto-Enumeration Technology
o
Support for Bulk, Isochronous, and
Interrupt Endpoints
o Integrated PHY
Simplified Hardware Design
PLX Technology’s NET2282 PCI to Hi-Speed USB 2.0 Peripheral Controller is
designed for easy integration with existing PCI based systems and silicon. While
there are many PCI-based USB hosts on the market, the NET2282 is one of the only
PCI-based USB peripheral controllers available. With the NET2282, adding a Hi-
Speed USB Device port is just a matter of connecting the PCI signals with the same
name together.
The PCI bus on the NET2282 can be either a PCI host or a PCI adapter. As a PCI
adapter, the NET2282 can fit into any standard PCI slot (3.3 or 5 Volts). This means
that any system with a PCI bus can instantly add a USB 2.0 peripheral port in
minutes. As the NET2282 is supported by several operating systems, additional
software modification can be minimized.
As a PCI host, the NET2282 can be used to convert existing PCI cards or CardBus
adapters to stand alone USB devices or ExpressCard adapters. Rather than relying
on a host PC’s PCI chipset, the NET2282 has all the resources, including emulated
main memory, to configure and bring up a PCI device. Furthermore, the Auto-
Enumeration Technology in the NET2282 allows the USB device to be enumerated
by a USB host without any interaction on the PCI side.
Tuned for Performance
The NET2282 is designed for high performance transfers, with its USB port able to
match the bandwidth of most PCI chips.
Four mastering,
descriptor
based DMA
controllers,
along with the
NET2282’s true
FIFO structure,
allow it to
sustain transfers
of up to 40
MBytes/sec.
Even at these
speeds, and the
full PCI bus
running, the
low power
consumption of
the NET2282
allows for its
use in USB
bus-powered
devices.
Figure 1: NET2282 Block Diagram
Version 1.4 2005
NET2282


Similar Part No. - NET2282

ManufacturerPart #DatasheetDescription
logo
PLX Technology
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280EVB PLX-NET2280EVB Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280EVB-SW PLX-NET2280EVB-SW Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280RDK PLX-NET2280RDK Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2280REV1A-LF PLX-NET2280REV1A-LF Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
More results

Similar Description - NET2282

ManufacturerPart #DatasheetDescription
logo
PLX Technology
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
Local Bus to USB 2.0 Hi-Speed Peripheral Controller
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
logo
Texas Instruments
TUSB6015 TI-TUSB6015 Datasheet
694Kb / 28P
USB 2.0 High Speed Peripheral Controller
logo
NXP Semiconductors
ISP1562 NXP-ISP1562 Datasheet
452Kb / 94P
Hi-Speed USB PCI host controller
Rev. 03-14 November 2008
ISP1563 NXP-ISP1563 Datasheet
486Kb / 103P
Hi-Speed USB PCI host controller
Rev. 03-18 November 2008
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
Hi-Speed USB 2.0 to SATA Controller
USB2380 PLX-USB2380 Datasheet
133Kb / 2P
PCI Express to USB 2.0 Peripheral Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com