Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC874 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC874
Description  10 Gbps Queue Manager with Integrated SPI4.2 Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC874 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC874 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC874 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GigaStream® 10 Gbps Queue Manager with Integrated SPI4.2 Interface
VSC874
The VSC874 is a highly integrated 10 Gbps
Queue Manager part of Vitesse’s GigaStream
family of Intelligent Switch Fabric devices.
This device provides a standard-interface
intelligent switching solution ideal for a
variety of access/edge, metro, and core applications.
Typically, the VSC874 is used on a variety of line cards where it
connects directly to media access controllers (MAC), framers,
and network processing units (NPU). These line cards can
then be interconnected using either a low-cost mesh without a
switch device (‘direct mode’) or traditional central-switch
architecture (‘fabric mode’).
GENERAL DESCRIPTION:
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.
SPECIFICA TIONS:
SPI4.2 Interface that can Operate up to 16 Gbps
16 High Speed Serial Links that can Operate up to 40 Gbps
Can Operate in Direct Mode or Fabric Mode
SPI4 Interface can Operate in Framer Mode or Packet Mode
Up to 16 Traffic Classes for Unicast and Multicast Data
Provides SPI4 Burst Segmentation and Re-assembly
Automatic Load Balancing Across one to Sixteen VSC882 Switch Chips
Parallel and Two-wire Serial Interface
Housed in a 672 BGA Package
CSIX
CSIX
VSC872
Queue
Manager
2.5 Gbps or 5 Gbps Line Cards
SPI4.2
VSC874
Queue
Manager
VSC882
Switch
Fabric
VSC882
Switch
Fabric
10 Gbps Line Cards
Switch Card
CSIX
CSIX
VSC872
Queue
Manager
SPI4.2
VSC874
Queue
Manager
VSC882
Switch
Fabric
VSC882
Switch
Fabric
Switch Card
xN
xN
SPI4.2
VSC874
Queue
Manager
10 Gbps Line Card
CSIX
CSIX
VSC872
Queue
Manager
2.5 Gbps or 5 Gbps Line Card
SPI4.2
VSC874
Queue
Manager
10 Gbps Line Card
SPI4.2
VSC874
Queue
Manager
10 Gbps Line Card
DIRECT MODE DIAGRAM:
F A BRIC MODE DIAGRAM:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com