Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC874 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC874
Description  10 Gbps Queue Manager with Integrated SPI4.2 Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC874 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC874 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC874 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENEFITS:
A standard 10 Gbps Interface
Provides 40 Gbps of Backplane Bandwidth
Can Provide Eight Traffic Classes Per Queuing Engine
No Switch Chip is Needed Supports Mesh Mode Configuration
Can Operate in a Dual Star Fabric Configuration
Can Connect Directly to Framers or Macs
Can Connect Directly to NPUs and CPUs
Can Easily Operate with Existing GigaStream Devices
Traffic is Only Sent to Active and Working Switch Chips
FEA TURES:
SPI4.2 Interface
16 High-speed Serial Links
Dual Ingress and Egress Queuing Engines
Direct Mode
Fabric Mode
Framer Interface
Packet Interface
Interfaces with Existing GigaStream Devices
Automatic Load Balancing Across Switch Chips
GigaStream® 10 Gbps Queue Manager with Integrated SPI4.2 Interface
NETWORK PRODUCTS
PB-VSC0874-001
VSC874
APPLICA TIONS:
IP Service Appliances
Edge/Access Routers
Multi-service Provisioning Platforms
3G Wireless Platforms
Media Gateways
VSC874
10 Gbps GigaStream Queue Manager
HSSL
MANAGER
HSSL
MANAGER
DATA PROCESSING
DATA PROCESSING
JTAG Interface
JTAG Interface
HSSL
Load
Balancer
SPI4.2
PHY
LOGIC
Reorder
Manager
QUEUING/SCHEDULING
QUEUING/SCHEDULING
...
...
Ingress Queues
Egress Queues
Packet
Segmentation
Static
Load
Balancer
...
Reassembly Buffers
Packet
Reassembly
Parallel
Interface (CPU)
Parallel
Interface (CPU)
I2C Interface
(CPU)
I2C Interface
(CPU)
HSSL
MANAGER
HSSL
MANAGER
HSSL
Load
Balancer
Reorder
Manager
QUEUING/SCHEDULING
QUEUING/SCHEDULING
...
...
Ingress Queues
Egress Queues


Similar Part No. - VSC874

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC870 VITESSE-VSC870 Datasheet
511Kb / 40P
High Performance Serial Backplane Transceiver
VSC870TX VITESSE-VSC870TX Datasheet
511Kb / 40P
High Performance Serial Backplane Transceiver
VSC872 VITESSE-VSC872 Datasheet
444Kb / 2P
80 Gb/s Intelligent Switch Fabric
More results

Similar Description - VSC874

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM7367 PMC-PM7367 Datasheet
49Kb / 4P
32 link, 32 Channel Data Link Manager with PCI Interface
logo
Cirrus Logic
CL-CR3710 CIRRUS-CL-CR3710 Datasheet
728Kb / 26P
Integrated AVI/ATAPI DVD Drive Manager
rev 0.1 April 11 2002
logo
List of Unclassifed Man...
NP3700 ETC-NP3700 Datasheet
213Kb / 4P
5-Gbps Network Processor with Integrated Traffic Manager
NP3705 ETC-NP3705 Datasheet
94Kb / 2P
2.5-Gbps Network Processor with Integrated Traffic Manager
logo
PCA ELECTRONICS INC.
EPE6121G PCA-EPE6121G Datasheet
79Kb / 2P
10 Base-T Interface Module with all Resistors Integrated
logo
STMicroelectronics
STE12PS STMICROELECTRONICS-STE12PS Datasheet
797Kb / 44P
12 channel integrated PSE line manager
17-Aug-2007
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
Texas Instruments
DLKPC192S TI1-DLKPC192S Datasheet
339Kb / 25P
10-Gbps ETHERNET LAN PHYSICAL CODING SUBLAYER (PCS) WITH SSTL XGMII INTERFACE
logo
Analog Devices
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
PMC-Sierra, Inc
PM7367-1 PMC-PM7367-1 Datasheet
39Kb / 2P
32 link, 32 Channel Data Link Manager with PCI Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com