Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7331 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7331
Description  10G Multi-Protocol Multi-Rate Metro Data Services Media Access Controller (MAC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7331 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7331 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7331 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2003 Vitesse Semiconductor Corporation
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
The VSC7331VH is an essential component
enabling cost-effective, new-generation,
metropolitan network markets
Business Continuance Networks
Terrestrial Broadcast Networks
Metro Virtual Private Networks
When used with the VSC9118, the VSC7331 creates a
powerful solution for a Universal Line Card that leverages
advances in SONET/SDH networks for Metro Area Networks.
The VSC7331 makes optimal use of the Virtual Concatenation
and LCAS capabilities provided in the VSC9118 to facilitate
optimum bandwidth utilization.
Because each port can be independently configured for any
of the supported protocols in the Universal Line Card (10/100
/1000 Mb/s Ethernet, Fibre Channel, FICON, ESCON or DVB-
ASI), Carriers and Services Providers do not have to stock
multiple versions of this line card. Such flexibility is central
to offering cost-effective solutions for Carriers and Service
Providers ensuring competitive deployment of technical and
financial resources.
The Vitesse Mapper and MAC components come together
seamlessly to offer an optimal solution for cost-effective
development of applications addressing high-density,
flexible, client interfaces through OC-192 SONET/SDH
connectivity with STS-1 granularity. The intelligence and
flexibility of the VSC7331VH make it a central building block
for metro data services equipment and networks.
The Vitesse VSC7331 is a 10-Gigabit, Multi-Protocol, Multi-
Rate Metro Data Services Media Access Controller (MAC).
Each port can be independently configured to support any of
the supported data streams, including, Ethernet (10/100/1000
Mb/s), Fibre channel (1-Gigabit), FICON, ESCON or DVB-ASI.
Alternatively, the VSC7331 can be configured for a single 10-
Gigabit Ethernet port.
Line interfaces include Ethernet SERDES, TBI, RGMII, MII or
XAUI. The Data Interface is an OIF Standard SPI-4.2 10-
Gigabit, multi-channel interface. Key features include Metro
Area Flow Control and Advanced Port Aggregation.
GENERAL DESCRIPTION:
10G Multi-Protocol Multi-Rate Metro Data Services Media Access Controller (MAC)
NETWORK APPLICA TION DIAGRAM:
VSC7331
FIFO Module
FIFO Module
Statistics
16-bit Parallel or 4-bit
Serial CPU Interface
JTAG Port
Egress (Tx)
FIFO
Egress (Tx)
FIFO
Ingress (Rx)
FIFO
Ingress (Rx)
FIFO
10G
Ethernet
MAC
10G
Ethernet
MAC
MIIM
Multi-Protocol
Interface
10/100/1000M Ethernet
Fiber Channel / FICON
ESCON / SBCON
DVB-ASI
x10
FIFO Module
Statistics
16-bit Parallel or 4-bit
Serial CPU Interface
JTAG Port
Egress (Tx)
FIFO
Egress (Tx)
FIFO
Ingress (Rx)
FIFO
Ingress (Rx)
FIFO
10G
Ethernet
MAC
10G
Ethernet
MAC
MIIM
VSC7331VH
Multi-Protocol
Interface
10/100/1000M Ethernet
Fiber Channel / FICON
ESCON / SBCON
DVB-ASI
x10
10x Ethernet, FC,
FICON, ESCON, DVB
VSC7331
SFI4 /
2x4x2.5G
VSC9118
SPI4.2
Backplane
O/E
PHY
LINE CARD APPLICA TION DIAGRAM:
Storage Backup Site
FICON Network
FICON
ESCON
Ethernet
Main Data Center
Metro
SONET /
WDM
Metro
SONET /
WDM
Metro
SONET /
WDM
Remote Data Center(s)
FICON
ESCON
Ethernet
VSC7331VH
BLOCK DIAGRAM:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com