Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7331 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7331
Description  10G Multi-Protocol Multi-Rate Metro Data Services Media Access Controller (MAC)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7331 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7331 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7331 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHYSICAL LAYER PRODUCT
VSC7331
FEA TURES:
Ten Individually Configurable Ports of 10/100/1000 Ethernet,
Fibre Channel/FICON, ESCON/SBCON, or DVB-ASI
Each Port Provides a 10/100/1000 Ethernet MAC Supporting
RGMII/GMII/MII/TBI or a Gigabit Ethernet SerDes Interface
for Direct Connection to Optical Modules
TBI for Direct Connection to Multi-protocol PHY/SerDes Products
Transparent GFP Mapping of 8B/10B Protocols with Client
Signal Monitoring and Statistics
One 10 Gigabit Ethernet MAC with Integrated XAUI SerDes
Interface Compliant with IEEE 802.3ae
Standard 10G SPI-4.2 Datapath Interface Supports 10 Channels
Loss Less Flow Control in Metro Applications up to 10km
3 Mbit Ingress and 1 Mbit Egress FIFOs for Short-haul Flow
Control and to Smooth Bursty Conditions
Broad Link Aggregation and Trunking Solutions Between Interfaces
Advanced Shaping and Policing Per Port
Intelligent VLAN and MPLS Tagging and Un-tagging Feature
Full RMON 1 Statistics Group and Applicable IEEE-802.3 and
SNMP Statistics
10G Multi-Protocol Multi-Rate Metro Data Services Media Access Controller (MAC)
APPLICA TIONS:
Universal Line Card for Multi-Service Provisioning Platforms and SONET
/SDH Add-Drop Muxes providing 10/100/1000 Mb/s Ethernet, Fibre
Channel, FICON, ESCON and DVB-ASI
Link Aggregation and Trunking Between 10 Ports of 10/100/1000 Ethernet
and 1 Port of 10G Ethernet.
Enterprise and Metro Ethernet Switches
Aggregation for WDM and DWDM Transport
10G Ethernet Uplink for Switches
BENEFITS:
Ten Multi-protocol, Multi-rate Ports can be Individually Configured for
any Protocol, Eliminating Protocol-specific Line Card Inventory and
Maximizing Connected Port Density and Rack Utilization.
Intelligent VLAN and MPLS Tagging/Un-tagging Improve Client Aggregation
and Bandwidth Utilization.
Link Aggregation and Trunking Between the10GbE Interface and Either
the SPI-4 or 10-port Multi-protocol Interfaces Simplify Management of
Flows Across Multiple Clients.
Transparent GFP Support Enables the Transport of Mixed LAN and SAN
Data Between Enterprise Sites, Increasing the Flexibility of Business
Networking Options.
SPECIFICA TIONS:
Reference Frequency of 156.25 MHz
±100 ppm Driven to On-chip Synthesizers
as Either Single-ended LVTTL or Differential LVPECL
Data Transmission Clocks Options of 312.5 MHz or 390.625 MHz
Data Receive Clock Speeds from 311 MHz to 450 MHz
Power Supplies of 1.8V, 2.5V and 3.3V Required
ETHERNET PRODUCT
PB-VSC7331-001
Enterprise
Access
Metro
Core


Similar Part No. - VSC7331

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC7301/7303 PULSE-VSC7301/7303 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
VSC7303 ETC-VSC7303 Datasheet
467Kb / 2P
Stapleford??- 24-port Gigabit Ethernet Switch-on-a-Chip
logo
Vitesse Semiconductor C...
VSC7310-01 VITESSE-VSC7310-01 Datasheet
488Kb / 2P
24-Port 10/100/1000 and 2-Port 10 Gbps Wire-Speed Stackable Layer-2/Layer-3 Ethernet Switch
VSC7323 VITESSE-VSC7323 Datasheet
464Kb / 2P
Meigs-IIe??- 10 x 1G and 10G Ethernet MAC Chip
VSC7324 VITESSE-VSC7324 Datasheet
478Kb / 2P
24x10/100/1000 Ethernet MAC with SPI-4.2 System Interface
More results

Similar Description - VSC7331

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
134Kb / 22P
Multi-protocol communications controller MPCC
1995 May 01
logo
Mitel Networks Corporat...
MT90210 MITEL-MT90210 Datasheet
133Kb / 27P
Multi-Rate Parallel Access Circuit
logo
Infineon Technologies A...
PMB8789 INFINEON-PMB8789 Datasheet
151Kb / 2P
Dual-Band Media Access Controller (MAC) for WLAN System Solutions
2003
logo
ATMEL Corporation
AT76C505 ATMEL-AT76C505 Datasheet
45Kb / 3P
802.11b Media Access Controller (MAC) and Baseband with USB Interface
logo
NXP Semiconductors
SCN2652 PHILIPS-SCN2652 Datasheet
651Kb / 28P
Multi-protocol communications controller (MPCC)
1995 May 01
logo
ATMEL Corporation
AT76C502A ATMEL-AT76C502A Datasheet
376Kb / 3P
11-megabit WLAN Media Access Controller MAC
logo
Intel Corporation
8274 INTEL-8274 Datasheet
2Mb / 39P
MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
logo
ATMEL Corporation
AT76C506A ATMEL-AT76C506A Datasheet
363Kb / 3P
802.11B MEDIA ACCESS CONTROLLER (MAC) AND BASEBAND WITH PCI INTERFACE
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
Media Access Controller
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
Multi-Protocol Multi-Channel Communications Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com