Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT90210 Datasheet (PDF) - Mitel Networks Corporation

MT90210 Datasheet PDF - Mitel Networks Corporation
Part # MT90210
Download  MT90210 Download
File Size   133.94 Kbytes
Page   27 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Multi-Rate Parallel Access Circuit

MT90210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT90210 Datasheet PDF - Mitel Networks Corporation

Part # MT90210
Download  MT90210 Click to download

File Size   133.94 Kbytes
Page   27 Pages
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation
Description Multi-Rate Parallel Access Circuit

MT90210 Datasheet (HTML) - Mitel Networks Corporation


MT90210 Product details

Description
The MT90210 is a 100-pin device used to interface a parallel bidirectional 8 bit bus to 24 time division multiplexed (TDM) serial streams. The device is configured to perform simultaneous parallel-to-serial and serial-to-parallel conversion with the capability of handling up to 3072 channels, 1536 on the transmit and 1536 on the receive direction.

Features
• Parallel-to-serial and serial-to-parallel conversion of up to 1536 full duplex channels or 3072 time-slots
• Serial port data rates selectable between 2.048, 4.096 or 8.192 Mb/s
• Provides a mechanism for a double buffer function to be implemented in external memory
• 24 serial I/O lines programmable in different modes: 12 in/12 out at 8.192 Mb/s (1536 full duplex channels) or 24 bidirectional line modes for 2.048 and 4.096 Mb/s
• Provides a bidirectional 8-bit parallel port operating at 16.384 or 32.768 MByte/s for direct interface to external memory (dual port)
• Provides an external 13-bit output address bus for direct connection with an 8K-position dual port memory
• JTAG boundary scan

Applications
• Fast access to ST-BUS, SCSA, MVIP, and H-MVIP serial backplanes
• Voice processing cards for Computer Telephony Integration (CTI)
• Video and teleconferencing bridge cards
• Fast DSP access to serial TDM buses




Similar Part No. - MT90210

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
Octal IMA/UNI PHY Device
MT90220AL MITEL-MT90220AL Datasheet
306Kb / 116P
Octal IMA/UNI PHY Device
MT90221 MITEL-MT90221 Datasheet
304Kb / 114P
Quad IMA/UNI PHY Device
MT90221AL MITEL-MT90221AL Datasheet
304Kb / 114P
Quad IMA/UNI PHY Device
logo
Zarlink Semiconductor I...
MT90222 ZARLINK-MT90222 Datasheet
895Kb / 55P
4/8/16 Port IMA/TC PHY Device
More results


Similar Description - MT90210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
8-bit parallel-access shift register
June 15, 1988
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
4-bit parallel access shift register
December 1990
logo
Texas Instruments
SN54195 TI-SN54195 Datasheet
429Kb / 10P
4-BIT PARALLEL-ACCESS SHIFT REGISTERS
logo
Mitel Networks Corporat...
MT8920B-1 MITEL-MT8920B-1 Datasheet
215Kb / 29P
ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT8920B MITEL-MT8920B Datasheet
534Kb / 24P
ISO-CMOS ST-BUS??FAMILY ST-BUS Parallel Access Circuit
MT9085 MITEL-MT9085 Datasheet
285Kb / 20P
CMOS PAC - Parallel Access Circuit
logo
Infineon Technologies A...
PEB22522 INFINEON-PEB22522 Datasheet
551Kb / 2P
MULTI BIT RATE INTEGRATED CIRCUIT
V 2.1, 1999
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Vitesse Semiconductor C...
VSC7331 VITESSE-VSC7331 Datasheet
497Kb / 2P
10G Multi-Protocol Multi-Rate Metro Data Services Media Access Controller (MAC)
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
4-bit Parallel-Access Shift Register
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com