Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7384 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7384
Description  12-port Gigabit Ethernet Switch-on-a-Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7384 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7384 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7384 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-PORT TRI-SPEED DESKTOP SWITCH:
BENEFITS:
Ensures Maximum Data Throughput on Even Highly Loaded Networks
Simplifies PCB Layout Significantly by Utilizing Reduced Mode Interface
Standards for all Speeds
Eliminates the Need for External Buffer Memory While Maintaining High
Peak Load Performance
Enables Advanced Switch Management Using Run-time Protocols, in
Addition to Low Cost Unmanaged and Web Managed Operation
Enables Ultra Low-cost Web Managed Switch Systems
Connects Effortlessly to Networks, Hosts, and Controllers that Utilize up
to 12K Sized Jumbo Frames
Optimizes Network Performance to Support any Digital Stream, from
Internet Browsing to VoIP and Video
Stores a Large Amount of Stations at Wire Speed in the On-chip MAC
Table, Ensuring Optimal Network Performance
Ensures Loss-less Data Transmission While Supporting Existing Legacy
Ethernet Equipment
Eliminates Unwanted Flooding of Ports and Thereby Increases Overall
Network Performance
Provides High Bandwidth Uplinking Abilities
Supports Complex Network Topologies with Fast Failure Recovery,
and Access Control
FEA TURES:
12 Gigabit Ethernet Ports with Non-blocking Wire-speed Performance
Tri-speed (10/100/1000 Mbit/s) Operation via RGMII Interfaces
208 KB On-chip Frame Buffer
8/16-bit CPU Interface, and 4-wire Serial CPU Interface
On-Chip 8051 CPU
Jumbo Frame Support
Programmable Classifier for QoS (Layer 2-4), Including IEEE Std 802.1p™
8K MAC Addresses and 4K VLANs (IEEE Std 802.1Q™)
Full Duplex Flow Control (IEEE Std 802.3x™) and Half Duplex Back
Pressure
Multicast and Broadcast Storm Control
Flexible Link Aggregation Compliant to IEEE Std 802.3ad™
Multiple protocol Support IEEE Std 802.1D™, IEEE Std 802.1W™
IEEE Std 802.1s™, IEEE Std 802.1X™
APPLICA TIONS:
12-port Web Managed Tri-speed Desktop Switch
12-port Unmanaged Tri-speed Desktop Switch
12-port Smart Managed Tri-speed Desktop Switch
Control Plane Controller
Stansted™ – 12-port Gigabit Ethernet Switch-on-a-Chip
ETHERNET PRODUCTS
PB-VSC7384-001
VSC7384
VSC7384
Stansted
Quad
PHY
Quad
PHY
Quad
PHY
FLASH
Parallel
Interface
RGMII
Enterprise
Access
Metro
Core


Similar Part No. - VSC7384

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC7384 PULSE-VSC7384 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC7384

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VSC7303 ETC-VSC7303 Datasheet
467Kb / 2P
Stapleford??- 24-port Gigabit Ethernet Switch-on-a-Chip
logo
Broadcom Corporation.
BCM5695 BOARDCOM-BCM5695 Datasheet
133Kb / 1P
MULTILAYER 12 PORT GIGABIT ETHERNET STACKABLE SWITCH
BCM5696 BOARDCOM-BCM5696 Datasheet
127Kb / 1P
MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
BCM5696 BOARDCOM-BCM5696_04 Datasheet
133Kb / 2P
MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
BCM5698 BOARDCOM-BCM5698 Datasheet
115Kb / 2P
12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
BCM5691 BOARDCOM-BCM5691_03 Datasheet
112Kb / 2P
SCALABLE 12-PORT GIGABIT ETHERNET MULTILAYER SWITCH
BCM5696B0IPBG BOARDCOM-BCM5696B0IPBG Datasheet
134Kb / 2P
MULTILAYER 12-PORT GIGABIT ETHERNET SWITCH
logo
ORing Industrial Networ...
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
Industrial 12-port managed Gigabit Ethernet switch
TGS-9120-M12 ORING-TGS-9120-M12 Datasheet
4Mb / 7P
12-port managed Gigabit Ethernet switch
TGPS-9084GT-M12 ORING-TGPS-9084GT-M12 Datasheet
4Mb / 7P
12-port managed Gigabit PoE Ethernet switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com