Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7384 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7384
Description  12-port Gigabit Ethernet Switch-on-a-Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7384 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7384 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7384 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
©2003 Vitesse Semiconductor Corporation
Stansted™ – 12-port Gigabit Ethernet Switch-on-a-Chip
VSC738
4
Stansted™ is a highly integrated, single-chip Ethernet
switch with 12 non-blocking ports. As part of Vitesse’s
London™ Family Of Switches, Stansted delivers high
performance with easy migration paths, and
comprehensive System Solutions that enable ultra-
short time-to-market and market leading system cost.
A Vitesse Switch Family Member
Stansted is a part of the Vitesse London™ Family Of Switches.
With its 12 tri-speed ports, it is specifically targeted at small-
medium business applications. In addition, Stansted enables
Web Management at unprecedented low cost by sporting a fully
integrated on-chip 8051 micro controller. Additionally, the on-
chip 8051 is perfectly suited for unmanaged systems as well.
Being a member of the switch family provides a number of
unique advantages when designing with the chip, including
nearly 100% software compatibility between members. Thus,
software written for Stansted can easily be used with other
switch configurations in the family, and vice-versa.
Additionally, building a product family is easy when designing
with Vitesse switches. Upgrading designs to other port counts, or
migrating to other configurations or future technology is
achievable with minimum effort and time.
The Vitesse London Family Of Switches
Stansted, as part of the Vitesse London Family Of Switches,
shares the unique traits of the family.
The highly integrated switches require no external memory at all,
and the use of Reduced Mode interfaces (RGMII) simplifies PCB
layout to reduce time and cost. Further trimming down system
cost is the persistently low power dissipation of the family.
The switches provide for high performance designs with their
non-blocking, wire-speed performance, which includes wire-
speed MAC address learning.
GENERAL DESCRIPTION:
Designing both unmanaged and managed solutions is straightforward. The
chips offer both serial and parallel CPU interfaces, and support a host
of management protocols such as GxRP, SNMP, and three flavors of
Spanning Tree: Standard STP, Multiple STP, and Rapid STP.
Gaining control with networks operated by the Vitesse switches is
simple; advanced Layer 2-4 classification, plus shaping and policing
functionality, along with port authentication support, provide flexible
QoS operation. This is backed up by link aggregation and VLAN
support, enabling advanced techniques such as “802.1Q-in-802.1Q” to
be deployed. Additionally, OAM is supported for designing switch
products for Ethernet in the MAN.
Designing with Vitesse London Family Of Switches means designing
with the whole Vitesse Solution:
The outstanding Vitesse web managed switch software system that
runs on a standard 8051 controller, is provided. This is in addition to
the unmanaged and smart managed software systems for 8051, which
are also included. For homegrown software development our full
platform and OS independent switch API is supplied.
Accompanying the software systems are the Vitesse Switch
Reference Systems. These are production-ready hardware designs
that also serve as evaluation platforms for our switches.
The Vitesse Solution is supplied with a comprehensive collateral
package, which includes software source code, full documentation,
and an in-depth qualification report for easy pre-evaluation.
BLOCK DIAGRAM:
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
SPECIFICA TIONS:
25 MHz LVTTL Reference Clock
1.8 V Core Power Supply
2.5 and 3.3 V Interface Power Supply
448-pin TEPBGA-2 Package
g
0 to 11
Data Bus
Heathrow-II_Block_Diagram
CPU Interfaces
MII Management
Interface
Control/Status
Registers
SI
MIIM
PI
RGMII
10/100/1000
MAC
Policer
Classifier
Shaper
10/100/1000
MAC
Policer
Shaper
Analyzer/Arbiter
8051 Controller
Classifier



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com