Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-R Datasheet(PDF) 15 Page - STMicroelectronics

Part # M95M01-R
Description  1 Mbit serial SPI bus EEPROM with high speed clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M95M01-R Datasheet HTML 11Page - STMicroelectronics M95M01-R Datasheet HTML 12Page - STMicroelectronics M95M01-R Datasheet HTML 13Page - STMicroelectronics M95M01-R Datasheet HTML 14Page - STMicroelectronics M95M01-R Datasheet HTML 15Page - STMicroelectronics M95M01-R Datasheet HTML 16Page - STMicroelectronics M95M01-R Datasheet HTML 17Page - STMicroelectronics M95M01-R Datasheet HTML 18Page - STMicroelectronics M95M01-R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
M95M01-R
Operating features
15/39
Table 2.
Write-protected block size
Status Register bits
Protected block
Array addresses
protected
BP1
BP0
0
0
none
none
0
1
Upper quarter
1 8000h - 1 FFFFh
1
0
Upper half
1 0000h - 1 FFFFh
1
1
Whole memory
0 0000h - 1 FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com