Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-R Datasheet(PDF) 30 Page - STMicroelectronics

Part # M95M01-R
Description  1 Mbit serial SPI bus EEPROM with high speed clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-R Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M95M01-R Datasheet HTML 26Page - STMicroelectronics M95M01-R Datasheet HTML 27Page - STMicroelectronics M95M01-R Datasheet HTML 28Page - STMicroelectronics M95M01-R Datasheet HTML 29Page - STMicroelectronics M95M01-R Datasheet HTML 30Page - STMicroelectronics M95M01-R Datasheet HTML 31Page - STMicroelectronics M95M01-R Datasheet HTML 32Page - STMicroelectronics M95M01-R Datasheet HTML 33Page - STMicroelectronics M95M01-R Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
DC and AC parameters
M95M01-R
30/39
Table 11.
DC characteristics(1)
1.
The information contained in this table is preliminary data. It is subject to change without previous notice.
Symbol
Parameter
Test condition
Min
Max
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
± 2
µA
ICC
Supply current (Read)
C = 0.1VCC/0.9VCC at 2 MHz,
VCC = 1.8 V, Q = open
1.5
mA
C = 0.1VCC/0.9VCC at 5 MHz,
VCC = 2.5 V, Q = open
4mA
C = 0.1VCC/0.9VCC at 5 MHz,
VCC = 5 V, Q = open
5mA
ICC0
(2)
2.
Characterized value, not tested in production.
Supply current (Write)
During tW, S = VCC,
1.8 V
≤ V
CC < 2.5 V
3mA
During tW, S = VCC,
2.5 V
≤ V
CC ≤ 5.5 V
5mA
ICC1
Supply current (Standby
Power mode)
S = VCC, VIN = VSS or VCC,
1.8 V
≤ V
CC < 2.5 V
3µA
S = VCC, VIN = VSS or VCC,
2.5 V
≤ V
CC ≤ 5.5 V
5µA
VIL
Input low voltage
1.8 V
≤ V
CC < 2.5 V
–0.45
0.25 VCC
V
2.5 V
≤ V
CC ≤ 5.5 V
–0.45
0.3 VCC
VIH
Input high voltage
1.8 V
≤ V
CC < 2.5 V
0.75 VCC
VCC+1
V
2.5 V
≤ V
CC ≤ 5.5 V
0.7 VCC
VCC+1
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V
0.3
V
VCC = 2.5 V, IOL = 1.5 mA or
VCC = 5 V, IOL = 2 mA
0.4
V
VOH
Output high voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
V
VCC = 2.5 V, IOH = –0.4 mA or
VCC = 5 V, IOH = –2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com