Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-SMHT136 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-SMHT136
Description  MF-SMHT Series - PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SMHT136 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-SMHT136 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SMHT136 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SMHT136 Datasheet HTML 3Page - Bourns Electronic Solutions MF-SMHT136 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
AB
C
D
E
F
G
H
Model
Min.
Max.
Max.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
MF-SMHT136
6.73
7.98
3.00
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
(0.265)
(0.314) (0.118) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
MF-SMHT160
8.00
9.50
3.00
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
(0.315)
(0.374) (0.118) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
Product Dimensions
A
D
H
E
Side View
B
MM
(INCHES)
F
C
End View
G
MF-SMHT Series - PTC Resettable Fuses
Packaging:
TAPE & REEL: MF-SMHT136 = 2000 pcs. per reel;
MF-SMHT160 = 1500 pcs. per reel.
Terminal material:
Tin-plated brass
2.3 ± 0.1
(0.09 ± 0.004)
9.7 ± 0.1
(0.38 ± 0.004)
3.1 ± 0.1
(0.12 ± 0.004)
3.1 ± 0.1
(0.12 ± 0.004)
Recommended Pad Layout
MF-SMHT136
10.7 ± 0.1
(0.42 ± 0.004)
4.6 ± 0.1
(0.18 ± 0.004)
2.3 ± 0.1
(0.09 ± 0.004)
4.6 ± 0.1
(0.18 ± 0.004)
Recommended Pad Layout
MF-SMHT160
UNIT =
Typical Part Marking
Represents total content. Layout may vary.
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
136
4A
DATE CODE -
WEEK 1 OF 2004 = 4A
(YEAR & WEEK)
WEEK 27 OF 2004 = A4
(WEEK & YEAR)
How to Order
MF - SMHT 136 - 2
Multifuse® Product
Designator
Series
SMHT = Surface Mount Component
Hold Current, Ihold
136 - 160 (1.36 - 1.60 Amps)
Packaging Options
- 2 = Tape and Reel*
*Packaged per EIA-481-2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com