Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-SMHT136 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-SMHT136
Description  MF-SMHT Series - PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SMHT136 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-SMHT136 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SMHT136 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SMHT136 Datasheet HTML 3Page - Bourns Electronic Solutions MF-SMHT136 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Typical Time to Trip at 23 ˚C
0.01
0.1
0.001
1
10
100
1
10
Fault Current (Amps)
MF-SMHT136
MF-SMHT160
MF-SMHT Series - PTC Resettable Fuses
MF-SMHT SERIES, REV. D, 08/05
Solder Reflow Recommendations
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder reflow
• Recommended reflow methods: IR, vapor phase oven, hot air oven.
• Devices are not designed to be wave soldered to the bottom side of the
board.
• Gluing the devices is not recommended.
• Recommended maximum paste thickness is 0.25 mm (.010 inch).
• Devices can be cleaned using standard industry methods and solvents.
Note:
• If reflow temperatures exceed the recommended profile, devices may not
meet the performance requirements.
Rework
• A device should not be reworked.
The Time to Trip curves represent typical performance of a device in a simulated application environment. Actual performance in specific customer applications
may differ from these values due to the influence of other variables.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com