Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2909708 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2909708
Description  CAB-DSUB37F/RA/OE/22/TP/S/ 1M - Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909708 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2909708 Datasheet HTML 1Page - PHOENIX CONTACT 2909708 Datasheet HTML 2Page - PHOENIX CONTACT 2909708 Datasheet HTML 3Page - PHOENIX CONTACT 2909708 Datasheet HTML 4Page - PHOENIX CONTACT 2909708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Assembled shielded round cable; connection 1: Twisted pair (37-position) (The wires are marked
and fitted with ferrules); connection 2: D-SUB socket strip (1x 37-position); cable length: 1 m
Your advantages
Individual wire marking: 1, 2, 3, 4, etc.
•
Twisted-pair wires fitted with ferrules
•
Screw connection: 2 UNC 4-40 screws
•
Open end at one end
•
D-SUB socket or pin strip at one end
•
Commercial data
Item number
2909708
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
C421
Product key
DK2BI4
GTIN
4055626682389
Weight per piece (including packing)
273 g
Weight per piece (excluding packing)
260 g
Customs tariff number
85444290
Country of origin
US
CAB-DSUB37F/RA/OE/22/TP/S/ 1M - Cable
2909708
https://www.phoenixcontact.com/us/products/2909708
Mar 7, 2025, 1:28 AM
Page 1 (5)


Similar Part No. - 2909708

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2909709 PHOENIX-2909709 Datasheet
197Kb / 5P
CAB-DSUB37F/RA/OE/22/TP/S/ 3M - Cable
More results

Similar Description - 2909708

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
63912015521CAB WURTH-63912015521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63910415521CAB WURTH-63910415521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63910615521CAB WURTH-63910615521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63910815521CAB WURTH-63910815521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63911015521CAB WURTH-63911015521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63911215521CAB WURTH-63911215521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63911415521CAB WURTH-63911415521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
63911615521CAB WURTH-63911615521CAB Datasheet
217Kb / 5P
1.27mm Ribbon Flat Cable 1m WR-CAB
logo
PHOENIX CONTACT
2900123 PHOENIX-2900123 Datasheet
65Kb / 4P
Round cable - VIP-CAB-FLK14/FR/OE/0,14/1,0M
logo
ATGBICS by Approved Tec...
CAB-S-S-25G-1M-C ATGBICS-CAB-S-S-25G-1M-C Datasheet
231Kb / 5P
CAB-S-S-25G-1M Arista Compatible Direct Attach Copper Twinax Cable 25G SFP28 (1m, Passive)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com