Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2909708 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2909708
Description  CAB-DSUB37F/RA/OE/22/TP/S/ 1M - Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909708 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2909708 Datasheet HTML 1Page - PHOENIX CONTACT 2909708 Datasheet HTML 2Page - PHOENIX CONTACT 2909708 Datasheet HTML 3Page - PHOENIX CONTACT 2909708 Datasheet HTML 4Page - PHOENIX CONTACT 2909708 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
System cable
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Electrical properties
Operating voltage (AC)
≤ 125 V AC
Operating voltage (DC)
≤ 125 V DC
Current (Per path)
≤ 1 A
Cable/line
Cable length
1 m
Shielded
yes
Conductor type
Assembled shielded round cable
Conductor structure signal line
7x
AWG signal line
22
Conductor cross section
19x 0.36 mm²
External cable diameter
12.30 mm
Halogen-free
no
Color code
black
D-SUB37 (1) = ()
red
D-SUB37 (2) = ()
black
D-SUB37 (3) = ()
white
D-SUB37 (4) = ()
black
D-SUB37 (5) = ()
green
D-SUB37 (6) = ()
black
D-SUB37 (7) = ()
blue
D-SUB37 (8) = ()
black
D-SUB37 (9) = ()
yellow
D-SUB37 (10) = ()
black
D-SUB37 (11) = ()
brown
D-SUB37 (12) = ()
black
D-SUB37 (13) = ()
orange
D-SUB37 (14) = ()
red
D-SUB37 (15) = ()
white
D-SUB37 (16) = ()
red
D-SUB37 (17) = ()
CAB-DSUB37F/RA/OE/22/TP/S/ 1M - Cable
2909708
https://www.phoenixcontact.com/us/products/2909708
Mar 7, 2025, 1:28 AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com