Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7391 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7391
Description  16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7391 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7391 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7391 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7391
ETHERNET PRODUCTS
VPPD-01367
Revision 1.0
SparX-G16rTM
VSC7391
SparX-G16rTM
EEPROM Serial EEPROM Interface
MagJacks with
Integrated
Magnetics
SGMII
16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
FEA TURES:
APPLICA TIONS:
BENEFITS:
16 Gigabit Ethernet ports with non-blocking wire-speed performance
8 integrated tri-speed (10/100/1000 Mbps) copper transceivers (IEEE
802.3ab™ compliant) and 8 tri-speed SGMII ports
500 kb on-chip frame buffer
Per-port data rate policer and shaper with a granularity of 64 kbps for
both ingress and egress direction
Selection between on-chip V-Core CPU or off-chip 8-bit CPU for fully
managed applications
DSCP remarking for both IPv4 and IPv6 frames
Jumbo frame support on all ports
Programmable classifier for QoS, including IEEE Std 802.1p™ and
DSCP for IPv4 and IPv6, with 4 classes of service
8 k MAC addresses and 4 k VLANs (IEEE Std 802.1Q™)
Flexible link aggregation compliant to IEEE Std 802.3ad™
Full-duplex flow control (IEEE Std 802.3x™) and half-duplex back
pressure, symmetric and asymmetric
Multicast and broadcast storm control as well as flooding control
Vitesse VeriPHY™ cable diagnostics
Multiple protocol support: IEEE Std 802.1D™, IEEE Std 802.1w™,
IEEE Std 802.1s™ and IEEE Std 802.1X™
Ensures maximum data throughput on even highly loaded networks
Lowers the overall systems cost by reducing the need for 8 external PHYs
Eliminates the need for external buffer memory while maintaining high
peak load performance
Enables pre-arranged bandwidth control and billing
Enables advanced switch management using run-time protocols, in
addition to low cost unmanaged and Web-managed operation
Enables LAN edge products to generate standard priority which can be
used in the core network
Provides the support of frame sizes up to 12.2 k sized jumbo frames
Optimizes network performance to support any digital stream, from internet
browsing to VoIP and video
Stores a large amount of stations at wire speed in the on-chip MAC table,
ensuring optimal network performance
Provides high bandwidth uplinking abilities
Ensures loss-less data transmission while supporting existing legacy
Ethernet equipment
Eliminates unwanted flooding of ports and thereby increases overall
network performance
Enables sophisticated real time cable diagnostics
Supports complex network topologies with fast failure recovery and access
control
16-port unmanaged Gigabit Ethernet SMB/SME/SOHO switch
16-port Web-managed smart Gigabit Ethernet SMB/SME/SOHO switch
16-PORT WEB-MANAGED SMB SWITCH:


Similar Part No. - VSC7391

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7390 VITESSE-VSC7390 Datasheet
263Kb / 2P
24-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
logo
Pulse A Technitrol Comp...
VSC7390 PULSE-VSC7390 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Vitesse Semiconductor C...
VSC7395 VITESSE-VSC7395 Datasheet
474Kb / 2P
SparX-G5eTM-Enhanced 5 1-Port Integrated Gigabit Ethernet Switch with Transceivers
logo
Pulse A Technitrol Comp...
VSC7395 PULSE-VSC7395 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Vitesse Semiconductor C...
VSC7396 VITESSE-VSC7396 Datasheet
487Kb / 2P
SparX-G5m??- Enhanced 51-Port Integrated Gigabit Ethernet Switch with Transceivers
More results

Similar Description - VSC7391

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5692 BOARDCOM-BCM5692 Datasheet
115Kb / 2P
SCALABLE 12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
BCM5698 BOARDCOM-BCM5698 Datasheet
115Kb / 2P
12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
logo
Vitesse Semiconductor C...
VSC7389 VITESSE-VSC7389 Datasheet
262Kb / 2P
16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
VSC7390 VITESSE-VSC7390 Datasheet
263Kb / 2P
24-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
logo
Broadcom Corporation.
BCM5692A2KEB BOARDCOM-BCM5692A2KEB Datasheet
116Kb / 2P
SCALABLE 12-PORT GIGABIT ETHERNET LAYER 2 SWITCH
logo
Vitesse Semiconductor C...
VSC7421-04 VITESSE-VSC7421-04 Datasheet
299Kb / 2P
17-Port Layer 2 Gigabit Ethernet Switch
VSC7422-04 VITESSE-VSC7422-04 Datasheet
299Kb / 2P
25-Port Layer 2 Gigabit Ethernet Switch
VSC7420-04 VITESSE-VSC7420-04 Datasheet
296Kb / 2P
10-Port Layer 2 Gigabit Ethernet Switch
logo
List of Unclassifed Man...
BS-G2116U ETC2-BS-G2116U Datasheet
535Kb / 2P
16-port Unmanaged Layer 2 Gigabit Switch
logo
Microsemi Corporation
VSC7511 MICROSEMI-VSC7511 Datasheet
4Mb / 324P
4-Port Layer-2 Gigabit Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com