Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7391 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7391
Description  16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7391 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7391 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7391 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trademarks
TM
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington,
PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX,
SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or
other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective
holders.
Vitesse Semiconductor Corporation (“Vitesse”) retains the right to make changes to its products or specifications to improve performance, reliability or
manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is
subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by
Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent
right of any manufacturer.
Copyright © 2006
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
VSC7391
SparX-G16r
TM
Analyzer/Arbiter
RS232 Interface
Serial Interface
Parallel Interface
MII Management Interface
Control/Status
Registers
MII 10/100 for CPU Packets
GPIO
SI
Frame Bus
...
8 Copper Interfaces
Tri-Speed
Copper PHY
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
Tri-Speed
Copper PHY
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
SGMII Macro
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
8 SGMII
SGMII Macro
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
MIIM
RS232
#16–23
MII 10/100
#8 - 15
PI or V-Core CPU
RAM/Flash
8051 CPU (V-Core CPU)
GENERAL DESCRIPTION:
SPECIFICA TIONS:
16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
25-MHz, 125-MHz LVTTL reference clock
3.3 V interface power supply
1.2 V core power supply
Thermally enhanced PBGA package
A Vitesse Switch Family Member
SparX-G16r is a part of the Vitesse SparX™ Family of Unmanaged or
Web-Managed Switches and takes the family into a new generation of
integration. With its 8 tri-speed Gigabit Ethernet copper ports and 8 SGMII
ports, it is specifically targeted at SMB, SME, and SOHO unmanaged
applications, and with its on-chip V-Core CPU and parallel CPU interface,
it enables web-managed and managed switch applications.
Being a member of the SparX™ switch family provides a number of unique
advantages when designing with the device, including software
compatibility between members. Software written for SparX-G16r can
therefore easily be ported from or used with other switch configurations in
the family, and vice-versa.
Additionally, building a product family is easy when designing with Vitesse
switches. Upgrading designs to higher port counts, or migrating to other
configurations or future technology is achievable with a minimum of effort
and time.
The Vitesse SparX Family Of Switches
SparX-G16r, as part of the Vitesse SparX Family of Switches, shares the
unique traits of the family. The highly integrated switches require no
external memory, and the integration of copper PHY as well as internal
oscillator circuits simplifies the design effort. The requirement of needing
only 2 power supply rails reduces the additional DC/DC converter cost.
Further trimming down system cost is the
persistently low power dissipation of the family.
In addition, the value-added features in
SparX-G16r enables the customer to provide
advanced features without the need of
enterprise class silicon.
The switches provide non-blocking, wire-speed performance designs with
wire-speed MAC address learning or CPU-based address learning.
Designing both unmanaged and managed solutions is straight-forward.
The devices offer both an internal V-Core CPU and serial and parallel CPU
interfaces, and support a host of management protocols such as GxRP,
SNMP, and three flavors of Spanning Tree: Standard STP, Multiple STP,
and Rapid STP.
Controlling networks operated by the Vitesse switches is simple; advanced
classification with IPv4 and IPv6 support, along with port DSCP remarking
and 802.1x authentication support, provide flexible QoS operation. This is
backed up by Layer 2–4 link aggregation and VLAN support, enabling
managed switches to be deployed.
With its unique low power dissipation, SparX-G16r reduces thermal
management cost for system design and thereby provides for higher
system reliability to the benefit of the user.
Designing with Vitesse SparX Family of Switches means designing with
the whole Vitesse Solution. The outstanding Vitesse web-managed switch
software system that runs on the on-chip V-Core CPU is provided. This is
in addition to the unmanaged and smart managed software systems for an
external 8051, which are also included. For homegrown software
development, our full platform and OS independent switch API is supplied.
Accompanying the software systems are the Vitesse Switch Reference
Systems. These are production-ready hardware designs that also serve as
evaluation platforms for our switches.
The Vitesse Solution is supplied with a comprehensive collateral package,
which includes software source code, full documentation, and an in-depth
qualification report for easy pre-evaluation.
VSC7391 SparX-G16r™ is the highly integrated, single-
chip Gigabit Ethernet switch with 8 Integrated GbE Copper
PHY ports. As part of the Vitesse SparX™Family of
Switches, SparX-G16r delivers high performance with
easy migration paths, and comprehensive system
solutions that enable ultra-short time-to-market and
market-leading system cost.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com