Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7396 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7396
Description  SparX-G5m??- Enhanced 51-Port Integrated Gigabit Ethernet Switch with Transceivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7396 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7396 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7396 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7396
VSC7396
SparX-G5m™ – Enhanced 5+1-Port Integrated Gigabit Ethernet Switch with Transceivers
VPPD-01536
Revision 1.0
VSC7396
SparX-G5m™
WLAN NIC
CPU
MIPS/ARM
LAN
WAN
Parallel CPU
Interface
R/GMII
PCI
VSC7396
SparX-G5m
TM
Serial
EEPROM
Interface
MagJacks with
Integrated
Magnetics
VSC7396
SparX-G5mTM
EEPROM
BENEFITS:
5+1 PORT WEB-MANAGED/
UNMANAGED SMB SWITCH:
5+1 Gigabit Ethernet ports with nonblocking wire-speed performance
5 tri-speed (10/100/1000 Mbps) copper transceivers (IEEE 802.3ab
compliant) and 1 tri-speed (RGMII/GMII) interface
136 kilobytes on-chip frame buffer
SNMP and Web-based management with either V-Core CPU (on-chip
8051 CPU with royalty-free, Web-managed software stack) or off-chip
8-bit CPU
DSCP remarking for both IPv4 and IPv6 frames
Enhanced support for IPv4 and IPv6 multicast, including IGMP
snooping and MLD snooping
Jumbo frame support at all speeds (10/100/1000 Mbps)
Programmable multilayer classifier with 4 QoS classes
8 k MAC addresses and 4 k VLANs (IEEE 802.1Q), as well as 8 k IP
multicast group support
Flexible link aggregation support based on Layer-2 through Layer-4
information (IEEE 802.3ad)
Full-duplex flow control (IEEE 802.3X) and half-duplex backpressure,
symmetric and asymmetric
Multicast and broadcast storm control, as well as flooding control
Multiple protocol support: IEEE 802.1D, IEEE 802.1w, IEEE 802.1s,
and IEEE 802.1X
Wire-speed automatic learning and aging
Vitesse VeriPHY™ cable diagnostics and SimpliPHY™ magnetics
technology
Ensures maximum data throughput in highly loaded networks
Reduces the need for any PHY components thereby significantly
reducing overall systems cost
Eliminates the need for external buffer memory while maintaining high
peak load performance
Enables advanced switch management, using run-time protocols, and
low cost unmanaged/Web-managed operation
Enables LAN edge products to generate standard priority that can be
used in the core network
Enables applications such as digital video distribution with efficient
monitoring of IPv4 and IPv6 frames and multicast groups
Connects effortlessly to networks, hosts, and controllers that use up to
9.6-kilobyte frames
Optimizes network performance to support any digital stream, from
internet browsing to VoIP and video
Stores a large amount of stations at wire-speed in the on-chip MAC
Table, ensuring optimal network performance and scalability
Provides high bandwidth uplinking abilities
Ensures lossless data transmission while supporting existing legacy
Ethernet equipment
Eliminates unwanted flooding of ports, and thereby increases overall
network performance
Supports complex network topologies with fast failure recovery and
access control
Reduces CPU overhead and enables the CPU to allocate additional
cycles for protocol processing
Enables real-time cable diagnostics and low cost magnetics
BROADBAND ROUTER:
FEA TURES:


Similar Part No. - VSC7396

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC7396 PULSE-VSC7396 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC7396

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7385 VITESSE-VSC7385 Datasheet
396Kb / 2P
SparX-G5 - 5-port Integrated Gigabit Ethernet Switch
VSC7389 VITESSE-VSC7389 Datasheet
262Kb / 2P
16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
VSC7390 VITESSE-VSC7390 Datasheet
263Kb / 2P
24-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
VSC7391 VITESSE-VSC7391 Datasheet
662Kb / 2P
16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
VSC7395 VITESSE-VSC7395 Datasheet
474Kb / 2P
SparX-G5eTM-Enhanced 5 1-Port Integrated Gigabit Ethernet Switch with Transceivers
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
Gigabit Ethernet Switch - 5 Port
logo
Level One
GSW-0507 LVL1-GSW-0507 Datasheet
664Kb / 3P
5-Port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-5725I-AE ADVANTECH-EKI-5725I-AE Datasheet
443Kb / 2P
5-port Gigabit Ethernet ProView Switch
EKI-5725-AE ADVANTECH-EKI-5725-AE Datasheet
443Kb / 2P
5-port Gigabit Ethernet ProView Switch
EKI-5725 ADVANTECH-EKI-5725 Datasheet
538Kb / 2P
5-Port Gigabit Ethernet ProView Switch
21-Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com