Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7396 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7396
Description  SparX-G5m??- Enhanced 51-Port Integrated Gigabit Ethernet Switch with Transceivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7396 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7396 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7396 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trademarks
TM
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington,
PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX,
SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or
other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective
holders.
Vitesse Semiconductor Corporation (“Vitesse”) retains the right to make changes to its products or specifications to improve performance, reliability or
manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is
subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by
Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent
right of any manufacturer.
Copyright © 2006
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
VSC7396
VSC7396
GENERAL DESCRIPTION:
SPECIFICA TIONS:
SparX-G5m™ – 5+1-Port Integrated Gigabit Ethernet Switch with Transceivers
VSC7396
SparX-G5m
is
the
highly
integrated,
single-chip Gigabit Ethernet switch with 5+1 Integrated
GbE Copper PHY ports. As part of the Vitesse SparX
Family
of
Switches,
SparX-G5m
delivers
high
performance
with
easy
migration
paths,
and
comprehensive system solutions that enable ultra-short
time-to-market and market-leading system cost.
A Vitesse Switch Family Member
SparX-G5m is a part of the Vitesse SparXTM Family Of Unmanaged or
Web-managed Switches, taking the family into a new generation of
integration. With its five integrated tri-speed Gigabit Ethernet copper
transceivers, one tri-speed RGMII/GMII, and several integrated
management interfaces, it is specifically targeted at SMB and SOHO
unmanaged applications; with its V-Core CPU (on-chip 8051) and parallel
CPU interface, it enables Web-managed and managed switch
applications.
Being a member of the switch family provides a number of unique
advantages when designing with the chip: there is nearly 100% software
compatibility between the switch family members; software written for
SparX-G5m can easily be used with other switch configurations in the
family, and vice-versa; and with minimal effort and time, designs can be
upgraded to higher port counts, or migrated to other configurations or
future technology. Building a product family is easy when designing with
Vitesse switches!
The Vitesse SparXTM Family Of Switches
SparX-G5m shares the unique traits of the Vitesse SparX Family Of
Switches. The highly integrated switch supports 136 kilobytes of on-chip
frame buffer, and the integration of the copper PHY as well as an internal
oscillator circuit simplifies PCB layout to reduce time and cost. Further
trimming down system cost is the industry's lowest power, fully integrated,
Switch-plus-Copper PHY technology.
The switches provide for high performance designs with their nonblocking,
wire-speed performance, which includes wire-speed MAC address
learning. Designing both unmanaged and Web-managed solutions is
straightforward. The chips offer an internal V-Core CPU (on-chip 8051)
and serial and parallel CPU interfaces, and support a host of management
protocols such as GxRP, SNMP, and three flavors of Spanning Tree:
Standard STP, Multiple STP, and Rapid STP.
Controlling networks operated by the Vitesse switches is simple; advanced
classification with IPv4 and IPv6 support, along with port DSCP remarking
and 802.1X authentication support, provides flexible QoS operation. This
is backed up by Layer 2-4 link aggregation and VLAN support, enabling
managed switches to be deployed. The VSC7396 provides Multicast
Listener Discovery (MLD) snooping for more efficient management of IPv6
frames.
With its unique low power dissipation, the VSC7396 enables fanless
operation, thereby providing higher system reliability and lower noise, both
to the benefit of the user.
Designing with Vitesse SparX Family Of Switches means designing with
the complete Vitesse solution: Vitesse provides a comprehensive,
Web-managed switch software system for the V-Core CPU (internal 8051).
This is in addition to the unmanaged and smart managed software
systems for 8051, which are also included. For homegrown software
development, the Vitesse full platform and OS independent switch API is
supplied. Accompanying the software systems are the Vitesse Switch
reference systems. These are production-ready hardware designs that
also serve as evaluation platforms. The Vitesse solution is supplied with a
comprehensive collateral package, including software source code, full
documentation, and an in-depth qualification report for easy
pre-evaluation.
25-MHz LVTTL clock
1.2 V core power supply
3.3 V interface power supply
5-port unmanaged Gigabit Ethernet SMB/SOHO switch
5-port Web-managed Gigabit Ethernet SMB/SOHO switch
5-port LAN switch and 1-port WAN broadband (DSL/WLAN) router
APPLICA TIONS:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com