Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7977 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7977
Description  1/2/4 Gbps Multirate Transimpedance Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7977 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7977 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7977 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENEFITS:
Allows the User to Optimize the Bandwidth of the TIA to the Incoming Optical
Line Rate, which Improves the Optical Input Sensitivity at Lower Data Rates and
Provides Superior Interoperability with Legacy Optical Devices
Provides High Gain and Improved Sensitivity
Facilitates an Accurate Measurement of the Incoming Optical Power, Enhancing the
Diagnostics Capabilities of the System without Using External Components
Provides a Positive Bias to the Photodetector, Eliminating the Need for External
Components
Supports Industrial Temperature Applications
Available in a TO-46 Package, Reducing the Time and Costs Associated with the
Design, Assembly and Test of the Receiver
FEA TURES:
Dual Bandwidth Selection
6k
Ω Differential Transimpednace
Linear Optical Power Monitor
On-chip Photo Diode Filter
Extended Operating Temperature
Available as Bare Dice or in a 5-pin TO-46 Package
APPLICA TIONS:
Gigabit Ethernet Transceivers
Fibre Channel Transceivers (1x, 2x and 4x)
Infiniband Transceivers
1/2/4 Gbps Multirate Transimpedance Amplifier
TRANSPORT PRODUCTS
PB-VSC7975,7977-001
VSC7975, VSC7977
APPLICA TION DIAGRAM:
SPECIFICA TIONS:
Input Noise: 400nA
Supply Current: 30mA
Sensitivity at 4.25G (in OMA): 18.4dBm
Max Input Current: 2.2 mA
Supply Voltage: 3.3V
Operating Temp: -40C to +105C (Case)
VCSEL
VSC7977
Receiver
VSC7964
Limiting
Amplifier
and
VCSEL
Driver
Micro
Controller
Two-wire
interface
Controls/Faults
Tx
Rx


Similar Part No. - VSC7977

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7970 VITESSE-VSC7970 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7971 VITESSE-VSC7971 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7972 VITESSE-VSC7972 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7973 VITESSE-VSC7973 Datasheet
421Kb / 2P
1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor
VSC7978 VITESSE-VSC7978 Datasheet
392Kb / 2P
9.9 Gbps - 11.3 Gbps High Gain Transimpedance Amplifier for TO-Can Based ROSA Applications
More results

Similar Description - VSC7977

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
2.5 Gbps Transimpedance Amplifier
logo
Analog Devices
ADN2821 AD-ADN2821 Datasheet
149Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
logo
OKI electronic componet...
KGA4133 OKI-KGA4133 Datasheet
92Kb / 4P
12.5 Gbps Transimpedance Amplifier IC
logo
Vitesse Semiconductor C...
VSC7878 VITESSE-VSC7878 Datasheet
465Kb / 2P
10 Gbps Linear Transimpedance Amplifier
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
3.2 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com